Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDT3906G-AL6-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MMDT3906G-AL6-R
Description  DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMDT3906G-AL6-R Datasheet(HTML) 2 Page - Unisonic Technologies

  MMDT3906G-AL6-R Datasheet HTML 1Page - Unisonic Technologies MMDT3906G-AL6-R Datasheet HTML 2Page - Unisonic Technologies MMDT3906G-AL6-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MMDT3906
Preliminary
PNP EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R218-014.d
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
-40
V
Collector-Emitter Voltage
VCEO
-40
V
Emitter-Base Voltage
VEBO
-5.0
V
Collector Current-Continuous
IC
-200
mA
Power Dissipation
PD
200
mW
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
625
°C/W
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF Characteristics
(Note)
Collector-Base Breakdown Voltage
VCBO
IC=-10A,IE=0
-40
V
Collector-Emitter Breakdown Voltage
VCEO
IC=-1mA, IB=0
-40
V
Emitter-Base Breakdown Voltage
VEBO
IE=-10A, IC=0
-5
V
Collector Cutoff Current
ICEX
VCE=-30V, VEB=-3V
-50
nA
Base Cutoff Current
IBL
VCE=-30V, VEB=-3V
-50
nA
ON Characteristics
(Note)
DC Current Gain
hFE1
VCE=-1V, IC=-0.1mA
60
hFE2
VCE=-1V, IC=-1mA
80
hFE3
VCE=-1V, IC=-10mA
100
300
hFE4
VCE=-1V, IC=-50mA
60
hFE5
VCE=-1V, IC=-100mA
30
Collector-Emitter Saturation Voltage
VCE(SAT)1IC=-10mA, IB=-1mA
-0.25
V
VCE(SAT)2IC=-50mA, IB=-5mA
-0.4
V
Base-Emitter Saturation Voltage
VBE(SAT)1IC=-10mA, IB=-1mA
-0.65
-0.85
V
VBE(SAT)2IC=-50mA, IB=-5mA
-0.95
V
Small Signal Characteristics
Output Capacitance
COB
VCB=-5V,IE=0, f=1MHz
4.5
pF
Current Gain-Bandwidth Product
fT
VCE=-20V, IC=-10mA, f=100MHz
250
MHz
Switching Characteristics
Turn on Time
tON
VCC=-3V, VBE=-0.5V, IC=-10mA,
IB1=-1mA
70
ns
Turn off Time
tOFF
IB1=1B2=-1mA
300
ns
Note: Pulse test: PW ≤ 300μs, Duty Cycle ≤ 2.0%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com