Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDT3946G-AL6-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # MMDT3946G-AL6-R
Description  COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMDT3946G-AL6-R Datasheet(HTML) 3 Page - Unisonic Technologies

  MMDT3946G-AL6-R Datasheet HTML 1Page - Unisonic Technologies MMDT3946G-AL6-R Datasheet HTML 2Page - Unisonic Technologies MMDT3946G-AL6-R Datasheet HTML 3Page - Unisonic Technologies MMDT3946G-AL6-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MMDT3946
DUAL TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R218-015.C
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified.)
TR1
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
(Note)
Collector-Base Breakdown Voltage
VCBO
IC=10A, IE=0
60
V
Collector-Emitter Breakdown Voltage
VCEO
IC=1mA, IB=0 (Note)
40
V
Emitter-Base Breakdown Voltage
VEBO
IE=10A, IC=0
6
V
Collector Cutoff Current
ICEX
VCE=30V, VEB=3V
50
nA
Base Cutoff Current
IBL
VCE=30V, VEB=3V
50
nA
ON CHARACTERISTICS
(Note)
DC Current Gain
hFE1
VCE=1V, IC=0.1mA
40
hFE2
VCE=1V, IC=1mA
70
hFE3
VCE=1V, IC=10mA
100
300
hFE4
VCE=1V, IC=50mA
60
hFE5
VCE=1V, IC=100mA
30
Collector-Emitter Saturation Voltage
(Note)
VCE(SAT)1IC=10mA, IB=1mA
0.2
V
VCE(SAT)2IC=50mA, IB=5mA
0.3
Base-Emitter Saturation Voltage (Note)
VBE(SAT)1IC=10mA, IB=1mA
0.65
0.85
V
VBE(SAT)2IC=50mA, IB=5mA
0.95
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
COB
VCB=5V, IE=0, f=1MHz
4
pF
Current Gain-Bandwidth Product
fT
VCE=20V, IC=10mA, f=100MHz
300
MHz
SWITCHING CHARACTERISTICS
Turn On Time
tON
VCC=3V,VBE=0.5V,IC=10mA,IB1=1mA
70
ns
Turn Off Time
tOFF
IB1=1B2=1mA
250
ns
Note: Pulse test: PW ≤ 300μs, Duty Cycle ≤ 2.0%
TR2
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
OFF CHARACTERISTICS
(Note 1)
Collector-Base Breakdown Voltage
VCBO
IC=-10A,IE=0
-40
V
Collector-Emitter Breakdown Voltage
VCEO
IC=-1mA, IB=0
-40
V
Emitter-Base Breakdown Voltage
VEBO
IE=-10A, IC=0
-5
V
Collector Cutoff Current
ICEX
VCE=-30V, VEB=-3V
-50
nA
Base Cutoff Current
IBL
VCE=-30V, VEB=-3V
-50
nA
ON CHARACTERISTICS
(Note 1)
DC Current Gain
hFE1
VCE=-1V, IC=-0.1mA
60
hFE2
VCE=-1V, IC=-1mA
80
hFE3
VCE=-1V, IC=-10mA
100
300
hFE4
VCE=-1V, IC=-50mA
60
hFE5
VCE=-1V, IC=-100mA
30
Collector-Emitter Saturation Voltage (Note)
VCE(SAT)1 IC=-10mA, IB=-1mA
-0.25
V
VCE(SAT)2IC=-50mA, IB=-5mA
-0.4
Base-Emitter Saturation Voltage
VBE(SAT)1 IC=-10mA, IB=-1mA
-0.65
-0.85
V
VBE(SAT)2IC=-50mA, IB=-5mA
-0.95
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
Cob
VCB=-5V,IE=0, f=1MHz
4.5
pF
Transition Voltage
fT
VCE=-20V, IC=-10mA, f=100MHz
250
MHz
SWITCHING CHARACTERISTICS
Turn on Time
tON
VCC=-3V, VBE=-0.5V, IC=-10mA,
IB1=-1mA
70
ns
Turn off Time
tOFF
IB1=1B2=-1mA
300
ns
Note: Pulse test: PW ≤ 300μs, Duty Cycle ≤ 2.0%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com