Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDT8150G-AL6-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MMDT8150G-AL6-R
Description  LOW VCESAT NPN EPITAXIAL PLANAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMDT8150G-AL6-R Datasheet(HTML) 2 Page - Unisonic Technologies

  MMDT8150G-AL6-R Datasheet HTML 1Page - Unisonic Technologies MMDT8150G-AL6-R Datasheet HTML 2Page - Unisonic Technologies MMDT8150G-AL6-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MMDT8150
Preliminary
NPN EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R218-017.b
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
40
V
Collector-Emitter Voltage
VCEO
32
V
Emitter-Base Voltage
VEBO
6
V
Collector Current (DC)
IC
800
mA
Collector Current (Pulse)
ICP
1.5 (Note 2)
A
Power Dissipation
PD
200 (total) (Note 3)
mW
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55~+150
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Single pulse, PW=10ms
3. 150mW per element must not be exceeded.
ELECTRICAL CHARACTERISTICS (TA =25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Collector-Base Breakdown Voltage
BVCBO
IC=100µA, IE=0
40
V
Collector-Emitter Breakdown Voltage
BVCEO
IC=2mA, IB=0
32
V
Emitter-Base Breakdown Voltage
BVEBO
IE=100µA, IC=0
6
V
Collector Cut-Off Current
ICBO
VCB=30V, IE=0
0.5
µA
Emitter Cut-Off Current
IEBO
VEB=6V, IC=0
0.5
µA
Collector-Emitter Saturation Voltage
(Note 1)
VCE(SAT)1
IC=50mA, IB=2.5mA
40
60
mV
VCE(SAT)2
IC=400mA, IB=20mA
0.2
0.3
V
VCE(SAT)3
IC=800mA, IB=80mA
0.3
0.5
V
Base-Emitter Voltage
VBE(ON)
VCE=1V, IC=10mA
1
V
DC Current Gain
hFE1
VCE=1V, IC=100mA
180
560
hFE2
VCE=1V, IC=500mA
40
hFE3
VCE=2V, IC=50mA
82
Current Gain-Bandwidth Product
fT
VCE=5V, IC=50mA, f=100MHz
150
MHz
Output Capacitance
COBO
VCB=10V, f=1MHz
15
pF
Note: 1. Pulse Test : Pulse Width ≤380µs, Duty Cycle≤2%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com