Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTC115TG-AE3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # DTC115TG-AE3-R
Description  NPN DIGITAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

DTC115TG-AE3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  DTC115TG-AE3-R Datasheet HTML 1Page - Unisonic Technologies DTC115TG-AE3-R Datasheet HTML 2Page - Unisonic Technologies DTC115TG-AE3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MPSH10A
NPN EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R201-065.C
TEST CIRCUIT
2.0kΩ
10kΩ
Input
50kΩ
680Ω
1000pF
1000pF
1000pF
5.0-18pF
L1
VBB
TUM
0.8-10pF
1000pF
1000pF
100pF
2.0pF
0.8-10pF
T1
L2
VCC=12V
L1-L3 turns No.16 wire,1/2 inch Lx 1/4 inch ID
tapped 1 1/2 turns from cold side
L2 - L6 turns No.14 wire,1 inch Lx inch ID
T1 - Pri.1 turn No.16 wire
Sec.1 turn No.18 wire
175pF
50pF
RFC
1000pF
1000pF
RFC
-VEE
VCC
(Note 1)
(Note 2)
500mHz Output
into 50Ω
Note 1. 2 turns No.16 AWG wire,3/8 inch OD,11/4 inch long
2. 9 turns No,22 AWG wire,3/16 inch OD,1/2 inch long
Figure 1. Neutralized 200 MHz PG and NF Circuit
Figure 2. 500 MHz Oscillator Circuit



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com