Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTC115TG-AE3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # DTC115TG-AE3-R
Description  NPN DIGITAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

DTC115TG-AE3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  DTC115TG-AE3-R Datasheet HTML 1Page - Unisonic Technologies DTC115TG-AE3-R Datasheet HTML 2Page - Unisonic Technologies DTC115TG-AE3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 3 page
background image
MPSH10A
NPN EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
4 of 4
www.unisonic.com.tw
QW-R201-065.C
TEST CIRCUIT(Cont.)
2.0kΩ
10kΩ
Input
50kΩ
680Ω
1000pF
1000pF
1000pF
5.0-18pF
L1
VBB
TUM
0.8-10pF
1000pF
1000pF
100pF
2.0pF
0.8-10pF
T1
L2
VCC=12V
L1-L3 turns No.16 wire,1/2 inch Lx 1/4 inch ID
tapped 1 1/2 turns from cold side
L2 - L6 turns No.14 wire,1 inch Lx inch ID
T1 - Pri.1 turn No.16 wire
Sec.1 turn No.18 wire
175pF
50pF
RFC
1000pF
1000pF
RFC
-VEE
VCC
(Note 1)
(Note 2)
500mHz Output
into 50Ω
Note 1. 2 turns No.16 AWG wire,3/8 inch OD,11/4 inch long
2. 9 turns No,22 AWG wire,3/16 inch OD,1/2 inch long
Figure 1. Neutralized 200 MHz PG and NF Circuit
Figure 2. 500 MHz Oscillator Circuit
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com