Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UA6KL-AL6-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UA6KL-AL6-R
Description  GENERAL PURPOSE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UA6KL-AL6-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UA6KL-AL6-R Datasheet HTML 1Page - Unisonic Technologies UA6KL-AL6-R Datasheet HTML 2Page - Unisonic Technologies UA6KL-AL6-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UA6K
DUAL TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R218-007.A
ABSOLUTE MAXIMUM RATINGS (TA=25°С)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-50
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-100
mA
Collector Power dissipation
PC
200
mW
Junction Temperature
TJ
150
°С
Storage Temperature
TSTG
-55~+150
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Collector-base breakdown voltage
BVCBO
IC =-50μA
-50
V
Collector-emitter breakdown voltage
BVCEO
IC =-1mA
-50
V
Emitter-base breakdown voltage
BVEBO
IE =-50μA
-5
V
Collector cutoff current
ICBO
VCB=-50V
-0.5
μA
Emitter cutoff current
IEBO
VEB=-4V
-0.5
μA
Collector-emitter saturation voltage
VCE(SAT)
IC =-5mA, IB = -0.5mA
-0.3
V
DC current transfer ratio
hFE
VCE=-5V, IC = -1mA
100
250
600
Transition frequency
fT
VCE=-10V, IE=5mA,
f=100MHz (Note)
250
MHz
Input resistance
R1
32.9
47
61.1
kΩ
Note: Transition frequency of the device



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com