Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD3HL-AG6-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UD3HL-AG6-R
Description  GENERAL PURPOSE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD3HL-AG6-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UD3HL-AG6-R Datasheet HTML 1Page - Unisonic Technologies UD3HL-AG6-R Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UD3H
Preliminary
DUAL TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 2
www.unisonic.com.tw
QW-R218-020.a
ABSOLUTE MAXIMUM RATINGS (TA=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
50
V
Input Voltage
VIN
-10
V
40
V
Output Current
IO
50
mA
IC(MAX.)
100
mA
Power Dissipation (Note 2)
PD
300
mW
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. 200mW per element must not be exceeded.
ELECTRICAL CHARACTERISTICS (TA =25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Input Voltage
VI(OFF)
VCC=5V, IO=100μA
0.5
V
VI(ON)
VO=0.3V, IO=10mA
3
V
Output Voltage
VO(ON)
IO=10mA, II=0.5mA
0.1
0.3
V
Input Current
II
VI=5V
0.88
mA
Output Current
IO(OFF)
VCC=50V, VI=0V
0.5
µA
Emitter Cutoff Current
GI
VO=5V, IO=5mA
30
Transition Frequency (Note 1)
fT
VCE=10V, IE=-5mA, f=100MHz
250
MHz
Input Resistance
R1
7
10
13
KΩ
Resistance Ratio
R2/ R1
0.8
1
1.2
Note: 1. Transition frequency of the device
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com