Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY10H607 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY10H607
Description  REGISTERED HEX PECL-TO-TTL
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10H607 Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY10H607 Datasheet HTML 1Page - Micrel Semiconductor SY10H607 Datasheet HTML 2Page - Micrel Semiconductor SY10H607 Datasheet HTML 3Page - Micrel Semiconductor SY10H607 Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DESCRIPTION
FEATURES
s Differential PECL data and clock inputs
s 48mA sink, 15mA source TTL outputs
s Single +5V power supply
s Multiple power and ground pins to minimize noise
s Specified within-device skew
s VBB output for single-ended use
s Fully compatible with Motorola MC10H/100H607
s Available in 28-pin PLCC package
The SY10/100H607 are 6-bit, registered, dual supply
PECL-to-TTL translators. The devices feature differential
PECL inputs for both data and clock. The TTL outputs
feature 48mA sink, 15mA source drive capability for
driving high fanout loads. The asynchronous master reset
control is a PECL level input.
With its differential PECL inputs and TTL outputs, the
H607 device is ideally suited for the receive function of a
HPPI bus-type board-to-board interface application. The
on-chip registers simplify the task of synchronizing the
data between the two boards.
The device is available in either ECL standard:
the
10H device is compatible with 10K logic levels, while the
100H device is compatible with 100K logic levels.
BLOCK DIAGRAM
PIN CONFIGURATION
SY10H607
SY100H607
Rev.: F
Amendment: /1
Issue Date: February, 1998
DQ
R
CLK
Dn
CLK
CLK
Qn
MR
VBB
1 OF 6 BITS
Dn
18
17
16
15
14
13
12
56789
10 11
26
27
28
1
2
3
4
TOP VIEW
PLCC
25 24 23 22 21 20 19
Q2
Q1
Q0
CLK
VBB
TGND
CLK
D5
D4
VCCE
D3
D3
D4
D5
REGISTERED HEX
PECL-TO-TTL
Pin
Function
D0 – D5
True PECL Data Inputs
D0 – D5
Inverted PECL Data Inputs
CLK, CLK
Differential PECL Clock Input
MR
PECL Master Reset Input
Q0 – Q5
TTL Outputs
VCCE
PECL VCC (5.0V)
VCCT
TTL VCC (5.0V)
TGND
TTL Ground
EGND
PECL Ground
VBB
VBB Reference Output (PECL)
PIN NAMES
1


Similar Part No. - SY10H607

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10H607 MICREL-SY10H607 Datasheet
65Kb / 5P
REGISTERED HEX PECL-TO-TTL
SY10H607JC MICREL-SY10H607JC Datasheet
65Kb / 5P
REGISTERED HEX PECL-TO-TTL
SY10H607JCTR MICREL-SY10H607JCTR Datasheet
65Kb / 5P
REGISTERED HEX PECL-TO-TTL
SY10H607JZ MICREL-SY10H607JZ Datasheet
65Kb / 5P
REGISTERED HEX PECL-TO-TTL
SY10H607JZTR MICREL-SY10H607JZTR Datasheet
65Kb / 5P
REGISTERED HEX PECL-TO-TTL
More results

Similar Description - SY10H607

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H604 ONSEMI-MC10H604 Datasheet
84Kb / 4P
Registered Hex TTL/ECL Translator
1996 REV 1
MC10H606 ONSEMI-MC10H606 Datasheet
89Kb / 5P
Registered Hex TTL/PECL Translator
1996 REV 1
MC10H607 ONSEMI-MC10H607 Datasheet
86Kb / 5P
Registered Hex PECL/TTL Translator
1996 REV 2
logo
Micrel Semiconductor
SY100S391 MICREL-SY100S391 Datasheet
110Kb / 6P
LOW-POWER HEX TTL-TO-PECL TRANSLATOR
SY10H606 MICREL-SY10H606 Datasheet
64Kb / 5P
REGISTERED HEX TTL-TO-PECL
SY10H606 MICREL-SY10H606_06 Datasheet
64Kb / 5P
REGISTERED HEX TTL-TO-PECL
SY10H607 MICREL-SY10H607_06 Datasheet
65Kb / 5P
REGISTERED HEX PECL-TO-TTL
logo
ON Semiconductor
MC10H605 ONSEMI-MC10H605 Datasheet
143Kb / 7P
Registered Hex ECL to TTL Translator
September, 2009 ??Rev. 8
logo
Micrel Semiconductor
SY100S391 MICREL-SY100S391_07 Datasheet
75Kb / 6P
LOW-POWER HEX TTL-TO-PECL TRANSLATOR
logo
ON Semiconductor
MC100H606FN ONSEMI-MC100H606FN Datasheet
120Kb / 7P
Registered Hex TTL to PECL Translator
November, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com