Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL41334IRZ Datasheet(PDF) 19 Page - Intersil Corporation

Part # ISL41334IRZ
Description  ±15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL41334IRZ Datasheet(HTML) 19 Page - Intersil Corporation

Back Button ISL41334IRZ Datasheet HTML 15Page - Intersil Corporation ISL41334IRZ Datasheet HTML 16Page - Intersil Corporation ISL41334IRZ Datasheet HTML 17Page - Intersil Corporation ISL41334IRZ Datasheet HTML 18Page - Intersil Corporation ISL41334IRZ Datasheet HTML 19Page - Intersil Corporation ISL41334IRZ Datasheet HTML 20Page - Intersil Corporation ISL41334IRZ Datasheet HTML 21Page - Intersil Corporation ISL41334IRZ Datasheet HTML 22Page - Intersil Corporation ISL41334IRZ Datasheet HTML 23Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
19
FN6202.3
November 21, 2007
RS-485 Slew Rate Limited Data Rates
The SOIC and SSOP versions of this IC operate with Tx
output transitions optimized for a 20Mbps data rate. These
fast edges may increase EMI and reflection issues, even
though fast transitions aren’t required at the lower data rates
used by many applications. The ISL41334 (QFN version)
solves this problem by offering two additional, slew rate
limited, data rates that are optimized for speeds of 115kbps,
and 460kbps.The slew limited edges permit longer
unterminated networks, or longer stubs off terminated
busses, and help minimize EMI and reflections.
Nevertheless, for the best jitter performance when driving
long cables, the faster speed options may be preferable,
even at lower data rates. The faster output transitions deliver
less variability (jitter) when loaded with the large capacitance
associated with long cables. Figures 43, 44, and 45 detail
the jitter performance of the three speed options while
driving three different cable lengths. The figures show that
under all conditions the faster the edge rate, the better the
jitter performance. Of course, faster transitions require more
attention to ensuring short stub lengths, and quality
terminations, so there are trade-offs to be made. Assuming a
jitter budget of 10%, it is likely better to go with the slow
speed option for data rates of 115kbps or less, to minimize
fast edge effects. Likewise, the medium speed option is a
good choice for data rates between 115kbps and 460kbps.
For higher data rates, or when the absolute best jitter is
required, use the high speed option.
Speed selection is via the SPA and SPB pins (see Table 3),
and the selection pertains to each port programmed for
RS-485 mode.
Evaluation Board
An evaluation board, part number ISL41334EVAL1, is
available to assist in assessing the dual protocol IC’s
performance. The evaluation board contains a QFN
packaged device, but because the same die is used in all
packages, the board is also useful for evaluating the
functionality of the other versions. The board’s design allows
for evaluation of all standard features, plus the QFN specific
features. Refer to the eval board application note for details,
and contact your sales rep for ordering information.
Typical Performance Curves VCC = VL = 5V, TA = +25°C; Unless Otherwise Specified.
FIGURE 14. RECEIVER OUTPUT CURRENT vs RECEIVER
OUTPUT VOLTAGE
FIGURE 15. RECEIVER HIGH OUTPUT VOLTAGE vs LOGIC
SUPPLY VOLTAGE (VL)
FIGURE 16. RS-485, DRIVER OUTPUT CURRENT vs
DIFFERENTIAL OUTPUT VOLTAGE
FIGURE 17. RS-485, DRIVER DIFFERENTIAL OUTPUT
VOLTAGE vs TEMPERATURE
0123
45
0
10
20
30
40
50
RECEIVER OUTPUT VOLTAGE (V)
VOH, +25°C
VOH, +85°C
VOL, +25°C
VOL, +85°C
VL (V)
0123
45
0
1
2
3
4
5
IOH = -1mA
IOH = -4mA
IOH = -8mA
DIFFERENTIAL OUTPUT VOLTAGE (V)
01
23
45
0
10
20
30
40
50
60
70
80
90
100
-40
0
50
85
TEMPERATURE (°C)
-25
25
75
RDIFF = 54Ω
RDIFF = 100Ω
3.0
3.1
3.2
3.3
3.4
3.5
3.6
ISL81334, ISL41334



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com