Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY88913 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY88913
Description  1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88913 Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY88913 Datasheet HTML 1Page - Micrel Semiconductor SY88913 Datasheet HTML 2Page - Micrel Semiconductor SY88913 Datasheet HTML 3Page - Micrel Semiconductor SY88913 Datasheet HTML 4Page - Micrel Semiconductor SY88913 Datasheet HTML 5Page - Micrel Semiconductor SY88913 Datasheet HTML 6Page - Micrel Semiconductor SY88913 Datasheet HTML 7Page - Micrel Semiconductor SY88913 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
SY88913
Micrel
General
The SY88913 is an integrated limiting amplifier intended
for high-frequency fiber-optic applications. The circuit
connects to typical transimpedance amplifiers found within
a fiber-optics link. The linear signal output from a
transimpedance amplifier can contain significant amounts
of noise, and may vary in amplitude over time. The SY88913
limiting amplifier quantizes the signal and outputs a voltage-
limited waveform.
The TTL /EN pin allows the user to disable the signal
without removing the input signal.
GENERAL DESCRIPTION
Symbol
Rating
Value
Unit
VCC
Power Supply Voltage
0 to +7.0
V
DIN, /DIN
Input Voltage
0 to VCC
V
DOUT, /DOUT , /LOS
Output Voltage (with 50
Ω load)
VCC –2.5, VCC +0.3
V
TA
Operating Temperature Range
–40 to +85
°C
Tstore
Storage Temperature Range
–55 to +125
°C
ABSOLUTE MAXIMUM RATINGS(1)
NOTE:
1. Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. This is a stress rating only and functional operation is not implied
at conditions other than those detailed in the operational sections of this data sheet. Exposure to ABSOLUTE MAXIMUM RATlNG conditions for extended
periods may affect device reliability.
Pin
Type
Function
DIN
Data Input
Data Input
/DIN
Data Input
Inverting Data Input
LOS LVL
Input
Loss of Signal Level Set
/EN
TTL Input
Output Enable (active Low)
/LOS
PECL Output
Loss of Signal Indicator
(active Low)
GND
Ground
Ground
DOUT
PECL Output
Data Output
/DOUT
PECL Output
Inverting Data Output
VCC
Power Supply
Positive Power Supply
VREF
Output
Reference Voltage Output
for LOS Level Set (see Fig. 2)
PIN NAMES



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com