Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY89421V Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY89421V
Description  5V/3.3V HIGH-PERFORMANCE PHASE LOCKED LOOP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89421V Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY89421V Datasheet HTML 1Page - Micrel Semiconductor SY89421V Datasheet HTML 2Page - Micrel Semiconductor SY89421V Datasheet HTML 3Page - Micrel Semiconductor SY89421V Datasheet HTML 4Page - Micrel Semiconductor SY89421V Datasheet HTML 5Page - Micrel Semiconductor SY89421V Datasheet HTML 6Page - Micrel Semiconductor SY89421V Datasheet HTML 7Page - Micrel Semiconductor SY89421V Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
ClockWorks™
SY89421V
Micrel
BLOCK DIAGRAM
LOOP FILTER COMPONENT SELECTION
C
= 1.0
µF ±10% (X7R dielectric)
R
= 560
Ω ±10%
R
C
F1
F2
S1
S2
S3
RIN
RIN
F1
F2
VCO
FIN
FIN
FOUT
FOUT
÷ P
(1, 2)
S5
D
HFOUT
HFOUT
HFIN
HFIN
S4
÷ 2
MUX
01
LOOP
FILTER
PHASE-FREQUENCY
DETECTOR
÷ N
(1,2,4,8,10,12,16,20)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com