Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY89801AMC Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY89801AMC
Description  HP PA-8000 CLOCK SOURCE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89801AMC Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY89801AMC Datasheet HTML 1Page - Micrel Semiconductor SY89801AMC Datasheet HTML 2Page - Micrel Semiconductor SY89801AMC Datasheet HTML 3Page - Micrel Semiconductor SY89801AMC Datasheet HTML 4Page - Micrel Semiconductor SY89801AMC Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
ClockWorks™
PRELIMINARY
SY89801A
Micrel
The following table lists the various PCLK and RCLK
ratios supported by the SY89801A and the corresponding
PCLK, RCLK, FB and VCO frequencies. The table is
arranged in order of increasing PCLK:RCLK ratio. The
table was designed to balance several constraints:
VCO
÷ ratios
FSEL <2:0>
PCLK:RCLK
fPCLK (MHz)
fRCLK (MHz)
VCO/P:VCO/R
fVCO (MHz)
000
1:1
100-132
100-132
8:8
800-1056
001
4:3
133.3-176
100-132
6:8
800-1056
010
3:2
150-198
100-132
4:6
600-792
011
5:3
166.7-220
100-132
6:10
1000-1320
100
2:1
200-264
100-132
4:8
800-1056
101
1:1
100-132
100-132
6:6
600-792
110
1:1
100-132
100-132
10:10
1000-1320
111
n/a
n/a
n/a
n/a
n/a
APPLICATIONS INFORMATION
PRODUCT ORDERING CODE
Ordering
Package
Operating
Code
Type
Range
SY89801AMC
M44-1
Commercial
SY89801AMCA(1)
M44-1
Commercial
LOOP FILTER COMPONENT SELECTION
R
C1
filp
filn
R
= 500
Ω ±10%
C1 = 1000pF
±10%
NOTES:
1. "A" denotes enhanced 200MHz testing.
s 2.5:1 VCO frequency range
s Maximum system frequency of 120MHz plus 10%
margin
s Maximum output frequency of 264MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com