Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC256 Datasheet(PDF) 11 Page - Microchip Technology

Part # 24LC256
Description  256K I 2 C CMOS Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC256 Datasheet(HTML) 11 Page - Microchip Technology

Back Button 24LC256 Datasheet HTML 4Page - Microchip Technology 24LC256 Datasheet HTML 5Page - Microchip Technology 24LC256 Datasheet HTML 6Page - Microchip Technology 24LC256 Datasheet HTML 7Page - Microchip Technology 24LC256 Datasheet HTML 8Page - Microchip Technology 24LC256 Datasheet HTML 9Page - Microchip Technology 24LC256 Datasheet HTML 10Page - Microchip Technology 24LC256 Datasheet HTML 11Page - Microchip Technology 24LC256 Datasheet HTML 12Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
© 1998 Microchip Technology Inc.
DS21203C-page 11
24AA256/24LC256
24xx256 PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Sales and Support
Package:
P = Plastic DIP (300 mil Body), 8-lead
SM = Plastic SOIC (208 mil Body, EIAJ standard), 8-lead
Temperature
I = -40
°C to +85°C
Range:
E = -40
°C to -125°C
Device:
24AA256
256K bit 1.8V I2C Serial EEPROM
24AA256T
256K bit 1.8V I2C Serial EEPROM (Tape and Reel)
24LC256
256K bit 2.5V I2C Serial EEPROM
24LC256T
256K bit 2.5V I2C Serial EEPROM (Tape and Reel)
24xx256
—
/P
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recom-
mended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office (see last page).
2.
The Microchip Corporate Literature Center U.S. FAX: (602) 786-7277.
3.
The Microchip’s Bulletin Board, via your local CompuServe number (CompuServe membership NOT required).
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com