Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24AA128EP Datasheet(PDF) 2 Page - Microchip Technology

Part # 24AA128EP
Description  128K I 2 C ??CMOS Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA128EP Datasheet(HTML) 2 Page - Microchip Technology

  24AA128EP Datasheet HTML 1Page - Microchip Technology 24AA128EP Datasheet HTML 2Page - Microchip Technology 24AA128EP Datasheet HTML 3Page - Microchip Technology 24AA128EP Datasheet HTML 4Page - Microchip Technology 24AA128EP Datasheet HTML 5Page - Microchip Technology 24AA128EP Datasheet HTML 6Page - Microchip Technology 24AA128EP Datasheet HTML 7Page - Microchip Technology 24AA128EP Datasheet HTML 8Page - Microchip Technology 24AA128EP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
24AA128/24LC128
DS21191B-page 2
© 1998 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
1.1
Maximum Ratings*
VCC.................................................................................................7.0V
All inputs and outputs w.r.t. VSS ............................. -0.6V to VCC +1.0V
Storage temperature ...................................................-65
°C to +150°C
Ambient temp. with power applied...............................-65
°C to +125°C
Soldering temperature of leads (10 seconds) ...........................+300
°C
ESD protection on all pins...........................................................
≥ 4 kV
*Notice: Stresses above those listed under “Maximum Ratings” may
cause permanent damage to the device. This is a stress rating only and
functional operation of the device at those or any other conditions
above those indicated in the operational listings of this specification is
not implied. Exposure to maximum rating conditions for extended peri-
ods may affect device reliability.
TABLE 1-1
PIN FUNCTION TABLE
FIGURE 1-1:
BUS TIMING DATA
Name
Function
A0, A1, A2 User Configurable Chip Selects
VSS
Ground
SDA
Serial Data
SCL
Serial Clock
WP
Write Protect Input
VCC
+1.8 to 5.5V (24AA128)
+2.5 to 5.5V (24LC128)
TABLE 1-2
DC CHARACTERISTICS
All parameters apply across the
specified operating ranges, unless
otherwise noted.
Industrial (I):
VCC = +1.8V to 5.5V
Tamb = -40
°C to +85°C
Automotive (E):
VCC = +4.5V to 5.5V
Tamb = -40
°C to 125°C
Parameter
Symbol
Min
Max
Units
Conditions
A0, A1, A2, SCL, SDA, and WP
pins:
High level input voltage
VIH
0.7 VCC
—V
Low level input voltage
VIL
—
0.3 VCC
0.2 VCC
V
V
VCC
≥ 2.5V
VCC < 2.5V
Hysteresis of Schmitt Trigger
inputs (SDA, SCL pins)
VHYS
0.05 VCC
—V
VCC
≥ 2.5V (Note)
Low level output voltage
VOL
—
0.40
V
IOL = 3.0 mA @ VCC = 4.5V
IOL = 2.1 mA @ VCC = 2.5V
Input leakage current
ILI
-10
10
µA
VIN = VSS or VCC, WP = VSS
VIN = VSS or VCC, WP = VCC
Output leakage current
ILO
-10
10
µAVOUT = VSS or VCC
Pin capacitance
(all inputs/outputs)
CIN, COUT
—10
pF
VCC = 5.0V (Note)
Tamb = 25
°C, f
c= 1 MHz
Operating current
ICC Read
—
400
µAVCC = 5.5V, SCL = 400 kHz
ICC Write
—
3
mA
VCC = 5.5V
Standby current
ICCS
—1
µA
SCL = SDA = VCC = 5.5V
A0, A1, A2, WP = VSS
Note: This parameter is periodically sampled and not 100% tested.
WP
(unprotected)
(protected)
TSU:WP
THD:WP
SCL
SDA
IN
TSU:STA
SDA
OUT
THD:STA
TLOW
THIGH
TR
TBUF
TAA
THD:DAT
TSU:DAT
TSU:STO
TSP
TF
VHYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com