Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC128EP Datasheet(PDF) 8 Page - Microchip Technology

Part # 24LC128EP
Description  128K I 2 C ??CMOS Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC128EP Datasheet(HTML) 8 Page - Microchip Technology

Back Button 24LC128EP Datasheet HTML 4Page - Microchip Technology 24LC128EP Datasheet HTML 5Page - Microchip Technology 24LC128EP Datasheet HTML 6Page - Microchip Technology 24LC128EP Datasheet HTML 7Page - Microchip Technology 24LC128EP Datasheet HTML 8Page - Microchip Technology 24LC128EP Datasheet HTML 9Page - Microchip Technology 24LC128EP Datasheet HTML 10Page - Microchip Technology 24LC128EP Datasheet HTML 11Page - Microchip Technology 24LC128EP Datasheet HTML 12Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
24AA128/24LC128
DS21191B-page 8
© 1998 Microchip Technology Inc.
7.0
ACKNOWLEDGE POLLING
Since the device will not acknowledge during a write
cycle, this can be used to determine when the cycle is
complete (This feature can be used to maximize bus
throughput.) Once the stop condition for a write com-
mand has been issued from the master, the device ini-
tiates the internally timed write cycle. ACK polling can
be initiated immediately. This involves the master
sending a start condition, followed by the control byte
for a write command (R/W = 0). If the device is still busy
with the write cycle, then no ACK will be returned. If no
ACK is returned, then the start bit and control byte must
be resent. If the cycle is complete, then the device will
return the ACK, and the master can then proceed with
the next read or write command. See Figure 7-1 for
flow diagram.
FIGURE 7-1:
ACKNOWLEDGE POLLING
FLOW
Send
Write Command
Send Stop
Condition to
Initiate Write Cycle
Send Start
Send Control Byte
with R/W = 0
Did Device
Acknowledge
(ACK = 0)?
Next
Operation
NO
YES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com