Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24C01SC-S Datasheet(PDF) 11 Page - Microchip Technology

Part # 24C01SC-S
Description  1K/2K 5.0V I2C Serial EEPROMs for Smart Cards
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C01SC-S Datasheet(HTML) 11 Page - Microchip Technology

Back Button 24C01SC-S Datasheet HTML 4Page - Microchip Technology 24C01SC-S Datasheet HTML 5Page - Microchip Technology 24C01SC-S Datasheet HTML 6Page - Microchip Technology 24C01SC-S Datasheet HTML 7Page - Microchip Technology 24C01SC-S Datasheet HTML 8Page - Microchip Technology 24C01SC-S Datasheet HTML 9Page - Microchip Technology 24C01SC-S Datasheet HTML 10Page - Microchip Technology 24C01SC-S Datasheet HTML 11Page - Microchip Technology 24C01SC-S Datasheet HTML 12Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
24C01SC/02SC
© 1996 Microchip Technology Inc.
Preliminary
DS21170A-page 11
24C01SC/02SC Product Identification System
To order or to obtain information (e.g., on pricing or delivery), please use the listed part numbers, and refer to the factory or the listed
sales offices.
Die Thickness
Blank = 11 mils
08 = 8 mils
Other die thicknesses available, please
consult factory.
Package:
S = Die in Wafer Pak
W = Wafer
WF = Sawed Wafer on Frame
Temperature
Blank = 0
°C to +70°C
Range:
Device:
24C01SC
1K 12C ISO Smart Card die
24C02SC
2K 12C ISO Smart Card die
24C01SC/02SC
—
/S
XX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com