Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24C02SC-W Datasheet(PDF) 8 Page - Microchip Technology

Part # 24C02SC-W
Description  1K/2K 5.0V I2C Serial EEPROMs for Smart Cards
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C02SC-W Datasheet(HTML) 8 Page - Microchip Technology

Back Button 24C02SC-W Datasheet HTML 4Page - Microchip Technology 24C02SC-W Datasheet HTML 5Page - Microchip Technology 24C02SC-W Datasheet HTML 6Page - Microchip Technology 24C02SC-W Datasheet HTML 7Page - Microchip Technology 24C02SC-W Datasheet HTML 8Page - Microchip Technology 24C02SC-W Datasheet HTML 9Page - Microchip Technology 24C02SC-W Datasheet HTML 10Page - Microchip Technology 24C02SC-W Datasheet HTML 11Page - Microchip Technology 24C02SC-W Datasheet HTML 12Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
24C01SC/02SC
DS21170A-page 8
Preliminary
© 1996 Microchip Technology Inc.
8.0
PAD DESCRIPTIONS
8.1
SDA Serial Address/Data Input/Output
This is a bi-directional pad used to transfer addresses
and data into and data out of the device. It is an open
drain terminal, therefore the SDA bus requires a pull-up
resistor to VCC (typical 10K
Ω for 100 kHz, 1KΩ for 400
kHz).
For normal data transfer SDA is allowed to change only
during SCL low. Changes during SCL high are reserved
for indicating the START and STOP conditions.
8.2
SCL Serial Clock
This input is used to synchronize the data transfer from
and to the device.
8.3
DC Don’t Connect
This pad is used for test purposes and should not be
bonded out. It will be pulled to VSS through an internal
resistor.
9.0
DIE CHARACTERISTICS
Figure 9-1 shows the die layout of the 24C01SC/02SC,
including bondpad positions. Table 9-1 shows the
actual coordinates of the bondpad midpoints with
respect to the center of the die.
FIGURE 9-1:
DIE LAYOUT
TABLE 9-1:
BONDPAD COORDINATES
Pad Name
Pad Midpoint,
X dir.
Pad Midpoint,
Y dir.
VSS
-495.000
749.130
SDA
-605.875
-271.875
SCL
479.875
-746.625
VCC
605.875
-261.375
Note 1: Dimensions are in microns.
2: Center of die is at the 0,0 point.
DIP
SDA
DC
VCC
SCL
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com