Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LG248NL Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # LG248NL
Description  Connector type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

LG248NL Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  LG248NL Datasheet HTML 1Page - KODENSHI_AUK CORP. LG248NL Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PHOTOINTERRUPTER
Jun.2014
LG248NL□* は、高出力赤外発光ダイオードとフォトICを組み合わせた透過型フォトインタラプタです。
高精度位置検出に適し、高機能、高信頼性の物体検出システムの構成が容易です。
遮光時ハイレベル出力 High level output at shielding
LG248NL□* is a transmission type photointerrupter combined high power infrared LED with photo IC.
Being suitable for highly accurate position detecting, it is great help in developing an object detecting
system of high performance and high reliability.
フォトインタラプタ
最大定格 MAXIMUM RATINGS
特長 FEATURES
用途 APPLICATIONS
電気的光学的特性 ELECTRO-OPTICAL CHARACTERISTICS
本資料に記載しております内容は、技術の改良、進歩等によって予告なしに変更されることがあります。ご使用の際には、仕様書をご用命の上、内容の確認をお願い致します。
The contents of this data sheet are subject to change without advance notice for the purpose of improvement. When using this product, please refer to the latest specifications.
アミューズメント機器、複写機、プリンタ、ATM、
自動券売機、両替機
Amusement machine, Copier, Printer, ATM,
Ticket vending machine, Exchanging machine
LG248NL
□
●
ギャップ幅:5 mm
コネクタ接続タイプ
スナップイン取り付け、板厚:1.0/1.2/1.6 (mm)
●
●
Item
Symbol
Rating
Unit
動作温度
Topr.
-20~+90
℃
(Ta=25℃)
Operating Temp.
*1. コネクタの抜き差しは常温にて行ってください。
氷結、結露の無き事
The connector shall be inserted or pulled out at normal temperature.
No icebound or dew
*1*2
-0.5~7
100
16
mW
V
mA
*2.
保存温度
Storage Temp.
*1*2
Tstg.
-30~+95
℃
PD
VCC
IOL
電源電圧
ローレベル出力電流
出力トランジスタ許容損失
Supply Voltage
Low Level Output Current
Power Dissipation
出力電圧
VO
-0.5~8
V
Output Voltage
Gap width : 5 mm
Connector type
Snap-in mount, mounting plate thickness :1.0/1.2/1.6 (mm)
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
(Ta=25℃)
4.5
─
4.5
─
0.2
─
5.5
0.4
─
V
V
V
─
動作電源電圧
ローレベル出力電圧
ハイレベル出力電圧
ローレベル供給電流
ハイレベル供給電流
Operating Supply Voltage
Low Level Output Voltage
High Level Output Voltage
Low Level Supply Current
High Level Supply Current
VCC
VOL
VOH
ICCL
ICCH
─
─
13
13
17
17
mA
mA
応答周波数
Frequency
f
VCC=5V, RL=10kΩ
3000
Hz
──
VCC=5V, IOL=16mA, Non-Shading
VCC=5V, RL=10kΩ, Shading
VCC=5V, Non-Shading
VCC=5V, Shading
* Different connectors are prepared as shown below.
□ contains a serial number according to the adopted connector.
1
2
3
5
Tyco electronics 292130-3
Kyocera elco 00-8283-0311-000-000+
JST S3B-PH-K(LF)
Hirose DF3A-3P-2DS(01)
No.
Model No.


Similar Part No. - LG248NL

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
LG248 KODENSHI-LG248 Datasheet
394Kb / 2P
Photointerrupters(Transmissive)
LG248BL KODENSHI-LG248BL Datasheet
151Kb / 2P
Connector type
LG248D KODENSHI-LG248D Datasheet
151Kb / 2P
Connector type
LG248L1 KODENSHI-LG248L1 Datasheet
394Kb / 2P
Photointerrupters(Transmissive)
More results

Similar Description - LG248NL

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
LG2A02L2 KODENSHI-LG2A02L2 Datasheet
162Kb / 3P
Connector type
LG2A02ND2 KODENSHI-LG2A02ND2 Datasheet
1Mb / 2P
Connector type
LG2A16L2 KODENSHI-LG2A16L2 Datasheet
145Kb / 2P
Connector Type
LG248BL KODENSHI-LG248BL Datasheet
151Kb / 2P
Connector type
LG248D KODENSHI-LG248D Datasheet
151Kb / 2P
Connector type
SG2A131 KODENSHI-SG2A131 Datasheet
180Kb / 3P
Connector type
SG2A241 KODENSHI-SG2A241 Datasheet
190Kb / 3P
Connector type
SG299 KODENSHI-SG299 Datasheet
157Kb / 2P
Connector type
G310-DI310L KODENSHI-G310-DI310L Datasheet
152Kb / 3P
connector type
G310-ST310 KODENSHI-G310-ST310 Datasheet
151Kb / 3P
connector type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com