Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2073 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SC2073
Description  NPN SILICON POWER TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC2073 Datasheet(HTML) 2 Page - Unisonic Technologies

  2SC2073 Datasheet HTML 1Page - Unisonic Technologies 2SC2073 Datasheet HTML 2Page - Unisonic Technologies 2SC2073 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SC2073
Preliminary
NPN EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R221-021.a
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
150
V
Collector-Emitter Voltage
VCEO
150
V
Emitter-Base Voltage
VEBO
5.0
V
Collector Current
Continuous
IC
1.5
A
Peak
ICM
3.0
A
Base Current
IB
0.5
A
Total Power Dissipation @ TC=25°C
PD
25
W
Derate above 25°C
0.2
W/°C
Junction Temperature
TJ
-55~+150
°C
Storage Temperature
TSTG
-55~+150
°C
Notes: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction-to-Case
θJC
5.0
°C/W
ELECTRICAL CHARACTERISTICS (TC=25°C unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage
BVCBO
IC=1.0mA, IB=0
150
V
Collector-Emitter Breakdown Voltage
BVCEO
IC=5.0mA, IB=0
150
V
Emitter-Base Breakdown Voltage
BVEBO
IB=1.0mA, IC=0
5.0
V
Collector Cut-Off Current
ICBO
VCB=120V, IE=0
10
μA
Emitter Cut-Off Current
IEBO
VEB=5.0V, IC=0
10
μA
ON CHARACTERISTICS (Note 1)
DC Current Gain
hFE
VCE=10V, IC=0.5A
40
140
Collector-Emitter Saturation Voltage
VCE(SAT) IC=0.5A, IB=50mA
1.5
V
Base-Emitter On Voltage
VBE(ON)
IC=500mA, VCE=10V
0.65
0.85
V
DYNAMIC CHARACTERISTICS
Current-Gain -Bandwidth Product
fT
IC=0.5A,VCE=10V, f=1.0MHz
4.0
MHz
Notes: Pulse Test: Pulse Width=300μs, Duty Cycle≤2.0%.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com