Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB936L-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SB936L-TN3-R
Description  SILICON PNP EPITAXIAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SB936L-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  2SB936L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 2SB936L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 2SB936L-TN3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SB936
Preliminary
PNP EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R209-029.a
ABSOLUTE MAXIMUM RATINGS (TC=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
-40
V
Collector-Emitter Voltage
VCEO
-20
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-10
A
Peak Collector Current
ICP
-20
A
Collector Power Dissipation
TC=25°C
PC
40
W
TA=25°C
1.3
W
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55 ~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TC=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Collector-Base Breakdown Voltage
BVCBO
IC=-10mA, IE=0
-40
V
Collector-Emitter Voltage
BVCEO
IC=-10mA, IB=0
-20
V
Emitter-Base Breakdown Voltage
BVEBO
IC=-10mA, IC=0
-5
V
Collector Cut-Off Current
ICBO
VCB=-40V, IE=0
-50
µA
Emitter Cut-Off Current
IEBO
VEB=-5V, IC=0
-50
µA
DC Current Gain
hFE1
VCE=-2V, IC=-0.1A
45
hFE2
VCE=-2V, IC=-3 A
90
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-10A, IB=-0.33A
-0.6
V
Base-Emitter Saturation Voltage
VBE(sat)
IC=-10A, IB=-0.33A
-1.5
V
Transition Frequency
fT
VCE=-10V, f=10MHz, IC=-0.5A
100
MHz
Output Capacitance
Cob
VCB=-10V, f=1MHz, IE=0
400
pF
Turn-On Time
ton
IC=-3A, IB1=-0.1A, IB2=0.1A
0.1
μs
Storage Time
ts
0.5
μs
Fall Time
tr
0.1
μs



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com