Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD879G-AB3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SD879G-AB3-R
Description  1.5V, 3V STROBE APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD879G-AB3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  2SD879G-AB3-R Datasheet HTML 1Page - Unisonic Technologies 2SD879G-AB3-R Datasheet HTML 2Page - Unisonic Technologies 2SD879G-AB3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SD879
NPN EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R208-010.C
ABSOLUTE MAXIMUM RATING ( T
A=25°C ,unless otherwise specified )
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
30
V
Collector-Emitter Voltage
VCEX
20
V
Collector-Emitter Voltage
VCEO
10
V
Emitter-Base Voltage
VEBO
6
V
Collector Dissipation
PD
1
W
Collector Current (DC)
IC
3
A
Collector Current (PULSE)
ICP
5
A
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Pulse Condition -> 100 ms single pulse
2. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (T
A=25℃, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-Base Voltage
VCBO
IC=10uA, IE=0
30
V
Collector-Emitter Voltage
VCEX
IC=1mA, VBE=3V
20
V
Collector-Emitter Voltage
VCEO
IC=1mA, RBE=
10
V
Emitter-Base Voltage
VEBO
IE=10uA, IC=0
6
V
Base-Emitter Voltage
VBE
VCE=-1V,IC=-2A
0.83
1.5
V
Collector Cut-Off Current
ICBO
VCB=20V, IE=0
1
A
Emitter Cut-Off Current
IEBO
VEB=4V, IC=0
1
A
DC Current Gain
hFE
VCE=2V, IC=3A (pulse)
140
210
400
Collector-Emitter Saturation Voltage
VCE(SAT) IC=3A, IB=60mA (pulse)
0.3
0.4
V
Current Gain Bandwidth Product
fT
VCE=10V, IC=50mA
200
MHz
Output Capacitance
COB
VCB=10V, f=1MHz
30
pF
Pulse: 1mS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com