Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3669G-X-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SC3669G-X-TN3-R
Description  POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC3669G-X-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  2SC3669G-X-TN3-R Datasheet HTML 1Page - Unisonic Technologies 2SC3669G-X-TN3-R Datasheet HTML 2Page - Unisonic Technologies 2SC3669G-X-TN3-R Datasheet HTML 3Page - Unisonic Technologies 2SC3669G-X-TN3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC3669
NPN EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R209-015.D
PIN ABSOLUTE MAXIMUM RATING (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
80
V
Collector-Emitter Voltage
VCEO
80
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
2
A
Base Current
IB
1
A
Collector Power Dissipation
SOT-223/SOT-89
PC
0.5
W
TO-251/TO-252
1
W
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. The device is guaranteed to meet performance specification within 0°C~70°C operating temperature range
and assured by design from –20°C~85°C.
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Collector Emitter Breakdown Voltage
V(BR)CEO
IC= 10mA, IB= 0
80
V
Collector Cut-Off Current
ICBO
VCB=80V, IE= 0
1.0
μA
Emitter Cut-Off Current
IEBO
VEB= 5V, IC=0
1.0
μA
DC Current Gain
hFE1
VCE=2V, IC=0.5A
70
240
hFE2
VCE=2V, IC=1.5A
40
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=1A, IB=0.05A
0.15
0.5
V
Base- Emitter Saturation Voltage
VBE(SAT)
IC=1A, IB=0.05A
0.9
1.2
V
Transition Frequency
fT
VCE=2V, IC=0.5A
100
MHz
Collector Output Capacitance
Cob
VCB= 10V, IE= 0, f=1MHz
30
pF
Switching Time
Turn-on Time
tON
IB1= -IB2=0.05A
DUTY CYCLE ≤ 1%
0.2
μs
Storage Time
TSTG
1.0
μs
Fall Time
tf
0.2
μs
CLASSIFICATION OF hFE1
RANK
O
Y
RANGE
70~140
120~240



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com