Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24C01A-ESN Datasheet(PDF) 1 Page - Microchip Technology

Part # 24C01A-ESN
Description  1K/2K/4K 5.0V I 2 C O Serial EEPROMs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C01A-ESN Datasheet(HTML) 1 Page - Microchip Technology

  24C01A-ESN Datasheet HTML 1Page - Microchip Technology 24C01A-ESN Datasheet HTML 2Page - Microchip Technology 24C01A-ESN Datasheet HTML 3Page - Microchip Technology 24C01A-ESN Datasheet HTML 4Page - Microchip Technology 24C01A-ESN Datasheet HTML 5Page - Microchip Technology 24C01A-ESN Datasheet HTML 6Page - Microchip Technology 24C01A-ESN Datasheet HTML 7Page - Microchip Technology 24C01A-ESN Datasheet HTML 8Page - Microchip Technology 24C01A-ESN Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© 1996 Microchip Technology Inc.
DS11183D-page 1
24C01A/02A/04A
FEATURES
• Low power CMOS technology
• Hardware write protect
• Two wire serial interface bus, I2C
™ compatible
• 5.0V only operation
• Self-timed write cycle (including auto-erase)
• Page-write buffer
• 1ms write cycle time for single byte
• 1,000,000 Erase/Write cycles guaranteed
• Data retention >200 years
• 8-pin DIP/SOIC packages
• Available for extended temperature ranges
DESCRIPTION
The Microchip Technology Inc. 24C01A/02A/04A is a
1K/2K/4K bit Electrically Erasable PROM. The device
is organized as shown, with a standard two wire serial
interface. Advanced CMOS technology allows a signif-
icant reduction in power over NMOS serial devices. A
special feature in the 24C02A and 24C04A provides
hardware write protection for the upper half of the block.
The 24C01A and 24C02A have a page write capability
of two bytes and the 24C04A has a page length of eight
bytes. Up to eight 24C01A or 24C02A devices and up
to four 24C04A devices may be connected to the same
two wire bus.
This device offers fast (1ms) byte write and
extended (-40
°C to 125°C) temperature operation. It
is recommended that all other applications use
Microchip’s 24LCXXB.
- Commercial (C):
0˚C to
+70˚C
- Industrial (I):
-40˚C to
+85˚C
- Automotive (E):
-40˚C to +125˚C
24C01A
24C02A
24C04A
Organization
128 x 8
258 x 8
2 x 256 x 8
Write Protect
None
080-0FF
100-1FF
Page Write
Buffer
2 Bytes
2 Bytes
8 Bytes
PACKAGE TYPES
BLOCK DIAGRAM
NC
SS
CC
A0
A1
NC
A2
NC
V
1
2
3
4
5
6
7
14
13
12
NC
SCL
SDA
NC
9
8
11
10
WP
V
NC
* “TEST” pin in 24C01A
A0
A1
A2
VSS
1
2
3
4
8
7
6
5
VCC
WP*
SCL
SDA
A0
A1
A2
VSS
1
2
3
4
8
7
6
5
VCC
WP*
SCL
SDA
DIP
8-lead
SOIC
14-lead
SOIC
Vcc
Vss
SDA
SCL
Data
Buffer
(FIFO)
Data Reg.
Vpp
R/W Amp
Memory
Array
A
d
d
r
e
s
s
P
o
i
n
t
e
r
A0 to
A7
Increment
A8
Slave Addr.
Control
Logic
A0 A1 A2 WP
1K/2K/4K 5.0V I2C™ Serial EEPROMs
I2C is a trademark of Philips Corporation.
This document was created with FrameMaker404


Similar Part No. - 24C01A-ESN

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
24C01A ATMEL-24C01A Datasheet
257Kb / 20P
Schmitt Trigger, Filtered Inputs for Noise Suppression
More results

Similar Description - 24C01A-ESN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA01 MICROCHIP-24AA01 Datasheet
74Kb / 12P
1K/2K 1.8V I 2 C O Serial EEPROMs
1996
24C01B MICROCHIP-24C01B Datasheet
162Kb / 12P
1K/2K 5.0V I 2 C ??Serial EEPROM
1997
24C01C MICROCHIP-24C01C Datasheet
326Kb / 12P
1K 5.0V I 2 C ??Serial EEPROM
1997
24C08B MICROCHIP-24C08B Datasheet
75Kb / 12P
8K/16K 5.0V I 2 C O Serial EEPROMs
1996
24LC01B MICROCHIP-24LC01B Datasheet
451Kb / 12P
1K/2K I 2 C ??Serial EEPROMs in ISO Micromodules
2009
logo
ATMEL Corporation
AT25040A ATMEL-AT25040A Datasheet
392Kb / 18P
SPI Serial Extended TEMPERATURE EEPROMS 1K 2K 4K
logo
Microchip Technology
24C01SC MICROCHIP-24C01SC_04 Datasheet
227Kb / 16P
1K/2K 5.0V I2C Serial EEPROMs for Smart Cards
2004
85C72 MICROCHIP-85C72 Datasheet
107Kb / 8P
1K/2K/4K 5.0V CMOS Serial EEPROM
1995
logo
Cystech Electonics Corp...
CTK24BC01-16P8 CYSTEKEC-CTK24BC01-16P8 Datasheet
378Kb / 12P
2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
CTK24BC01-16Q8 CYSTEKEC-CTK24BC01-16Q8 Datasheet
376Kb / 12P
2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com