Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC856AS Datasheet(PDF) 1 Page - Unisonic Technologies

Part # BC856AS
Description  DUAL PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BC856AS Datasheet(HTML) 1 Page - Unisonic Technologies

  BC856AS Datasheet HTML 1Page - Unisonic Technologies BC856AS Datasheet HTML 2Page - Unisonic Technologies BC856AS Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
BC856AS
Preliminary
DUAL TRANSISTOR
www.unisonic.com.tw
1 of 3
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R206-108.b
DUAL PNP SURFACE MOUNT
SMALL SIGNAL TRANSISTOR
DESCRIPTION
The UTC BC856AS is a dual PNP surface mount small signal
transistor, it uses UTC’s advanced technology to provide customers
with high DC current gain, etc.
The UTC BC856AS is suitable for switching and AF amplifier
applications.
FEATURES
* High DC current gain
EQUIVALENT CIRCUIT
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
1
2
3
4
5
6
BC856ASG-AL6-R
SOT-363
E1
B1
C2
E2
B2
C1
Tape Reel
Note: Pin Assignment: E: Emitter
B: Base C: Collector
BC856ASG-AL6-R
(1)Packing Type
(2)Package Type
(1) R: Tape Reel
(2) AL6: SOT-363
(3) G: Halogen Free and Lead Free
(3)Green Package
MARKING
9ASG
12
3
4
5
6


Similar Part No. - BC856AS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC856AS DIODES-BC856AS Datasheet
232Kb / 3P
DUAL PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30834 Rev. 7 - 2
BC856AS DIODES-BC856AS Datasheet
542Kb / 6P
65V DUAL PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
Rev 9
BC856AS-7 DIODES-BC856AS-7 Datasheet
232Kb / 3P
DUAL PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30834 Rev. 7 - 2
BC856AS-7 DIODES-BC856AS-7 Datasheet
542Kb / 6P
65V DUAL PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
Rev 9
BC856ASQ DIODES-BC856ASQ Datasheet
485Kb / 6P
65V DUAL PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
Rev 1
More results

Similar Description - BC856AS

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMDT3906 TRSYS-MMDT3906 Datasheet
195Kb / 2P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
MMDT2907V DIODES-MMDT2907V Datasheet
152Kb / 4P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30564 Rev. 4 - 2
MMDT4403 DIODES-MMDT4403_1 Datasheet
437Kb / 4P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30110 Rev. 7 - 2
IMT4 DIODES-IMT4_1 Datasheet
455Kb / 4P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30303 Rev. 7 - 2
logo
Galaxy Semi-Conductor H...
MMDT3906 BILIN-MMDT3906 Datasheet
184Kb / 4P
Dual PNP Small Signal Surface Mount Transistor
logo
Diodes Incorporated
DST857BDJ DIODES-DST857BDJ Datasheet
143Kb / 5P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS32037 Rev. 1 - 2
MMDT4403 DIODES-MMDT4403_2 Datasheet
177Kb / 4P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30110 Rev. 10 - 2
logo
Unisonic Technologies
MMDT3906 UTC-MMDT3906 Datasheet
121Kb / 4P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
MMDT4403 DIODES-MMDT4403_15 Datasheet
177Kb / 4P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 10
BC857BV DIODES-BC857BV_15 Datasheet
352Kb / 5P
PNP DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 7
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com