Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTA123JG-AE3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # DTA123JG-AE3-R
Description  DIGITAL TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

DTA123JG-AE3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  DTA123JG-AE3-R Datasheet HTML 1Page - Unisonic Technologies DTA123JG-AE3-R Datasheet HTML 2Page - Unisonic Technologies DTA123JG-AE3-R Datasheet HTML 3Page - Unisonic Technologies DTA123JG-AE3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DTA123J
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R206-075.F
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
50
V
Input Voltage
VIN
-12 ~ +5
V
IO
-100
Output Current
IC(MAX)
-100
mA
SOT-23/SOT-323
SOT-363
200
SOT-523
150
TO-92
625
Power Dissipation
TO-92SP
PD
550
mW
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
VI (OFF)
VCC=-5V, IO=-100μA
-0.5
Input Voltage
VI (ON)
VO=-0.3V, IO=-5mA
-1.1
V
Output Voltage
VO(ON)
IO/II =-5mA/-0.25mA
-0.1
-0.3
V
Input Current
II
VI =-5V
-3.6
mA
Output Current
IO(OFF)
VCC=-50V, VI =0V
-0.5
μA
DC Current Gain
GI
VO=-5V, IO=-10mA
80
Input Resistance
R1
1.54
2.2
2.86
KΩ
Resistance Ratio
R2/R1
17
21
26
Transition Frequency
fT
VCE =-10V, IE=−5mA, f=100MHz (Note)
250
MHz
Note: Transition frequency of the device



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com