Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTA124EG-AL3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # DTA124EG-AL3-R
Description  PNP DIGITAL TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

DTA124EG-AL3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  DTA124EG-AL3-R Datasheet HTML 1Page - Unisonic Technologies DTA124EG-AL3-R Datasheet HTML 2Page - Unisonic Technologies DTA124EG-AL3-R Datasheet HTML 3Page - Unisonic Technologies DTA124EG-AL3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DTA124E
PNP EPITAXIAL SILICON TRANSISTOR
UNISONIC TECHNOLOGIES CO., LTD
3 of 4
www.unisonic.com.tw
QW-R206-044.F
ABSOLUATE MAXIUM RATINGS (TA = 25°C, unless otherwise specified)
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI(OFF)
VCC= -5V, IOUT= -100μA
-0.5
Input Voltage
VI(ON)
VOUT= -0.2V, IOUT= -5mA
-3
V
Output Voltage
VO(ON)
IOUT/IIN= -10mA / -0.5 mA
-0.1
-0.3
V
Input Current
II
VIN= -5V
-0.36
mA
Output Current
IO(OFF)
VCC= -50V , VIN=0V
-0.5
μA
DC Current Gain
GI
VOUT= -5V, IOUT= -5mA
56
Input Resistance
R1
15.4
22
28.6
kΩ
Resistance Ratio
R2/R1
0.8
1
1.2
Transition Frequency
fT
VCE= -10 V, IE = 5mA, f=100MHz (Note)
250
MHz
Note: Transition frequency of the device
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-50
V
Input Voltage
VIN
-40 ~ +10
V
IC
-100
Output Current
IO
-30
mA
SOT-23/SOT-323
200
SOT-523
150
Power Dissipation
TO-92
PD
625
mW
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-40 ~ +150
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com