Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMZ88 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # IMZ88
Description  GENERAL PURPOSE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

IMZ88 Datasheet(HTML) 2 Page - Unisonic Technologies

  IMZ88_15 Datasheet HTML 1Page - Unisonic Technologies IMZ88_15 Datasheet HTML 2Page - Unisonic Technologies IMZ88_15 Datasheet HTML 3Page - Unisonic Technologies IMZ88_15 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IMZ88
DUAL TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R215-005.E
ABSOLUTE MAXIMUM RATINGS (TA= 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATING
UNIT
Collector-Base Voltage
TR1
VCBO
30
V
TR2
-30
Collector-Emitter Voltage
TR1
VCEO
20
V
TR2
-20
Emitter-Base Voltage
TR1
VEBO
5
V
TR2
-5
Collector Current
TR1
IC
700
mA
TR2
-700
Power Dissipation (Note 2)
PD
300
mW
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55~+150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. 200mW per element must not be exceeded.
ELECTRICAL CHARACTERISTICS (TA= 25°C, unless otherwise specified)
TR1
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage
BVCBO
IC=100μA,IE=0
30
V
Collector-Emitter Breakdown Voltage
BVCEO
IC=1mA,IB=0
20
V
Emitter-Base Breakdown Voltage
BVEBO
IE=100μA,IC=0
5
V
Collector Cut-Off Current
ICBO
VCB=30V
1
µA
Emitter Cut-Off Current
IEBO
VEB=5V
100
µA
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=500mA, IB=50mA
0.5
V
Base-emitter saturation voltage
VBE(SAT)
IC=500mA, IB=50mA
1.2
V
Base-emitter saturation voltage
VBE
VCE=1V, IC=10mA
1.0
V
ON CHARACTERISTICS
DC Current Transfer Ratio
hFE1
VCE=1V, IC = 1mA
100
hFE2
VCE=1V, IC=150mA
120
400
hFE3
VCE=1V, IC=500mA
40
SMALL SIGNAL CHARACTERISTICS
Transition Frequency
fT
VCE=10V, IC=50mA
100
MHz
Output Capacitance
COB
VCB=10V, IE=0, f=1MHz
9.0
pF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com