Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX2G-AG6-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # IMX2G-AG6-R
Description  NPN GENERAL PURPOSE AMPLIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

IMX2G-AG6-R Datasheet(HTML) 2 Page - Unisonic Technologies

  IMX2G-AG6-R Datasheet HTML 1Page - Unisonic Technologies IMX2G-AG6-R Datasheet HTML 2Page - Unisonic Technologies IMX2G-AG6-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
IMX2
DUAL TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R215-004.D
ABSOLUTE MAXIMUM RATINGS (T
A=25°C)
PARAMETER
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
7
V
Collector Current
IC
150
mA
Collector Power Dissipation
PC
300 (Note1)
mW
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55~+150
°C
Note: 1. 200mW per element must not be exceeded.
2. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (T
A=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-Base Breakdown Voltage
BVCBO
IC= 50µA
60
V
Collector-Emitter Breakdown Voltage
BVCEO
IC= 1mA
50
V
Emitter-Base Breakdown Voltage
BVEBO
IE= 50µA
7
V
Collector Cut-Off Current
ICBO
VCB= 60V
0.1
µA
Emitter Cut-Off Current
IEBO
VEB= 7V
0.1
µA
Collector-Emitter Saturation Voltage
VCE(SAT)
IC / IB = 50mA/5mA
0.4
V
DC Current Transfer Ratio
hFE
VCE= 6V, IC= 1mA
120
560
Transition Frequency (Note)
fT
VCE=12V, IE=-2mA, f=100MHz
180
MHz
Output Capacitance
COB
VCB= 12V, IE=0A, f=1KHz
2
3.5
pF
Note: Transition frequency of the device.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com