Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC21-IP Datasheet(PDF) 2 Page - Microchip Technology

Part # 24LC21-IP
Description  1K 2.5V Dual Mode I 2 C Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC21-IP Datasheet(HTML) 2 Page - Microchip Technology

  24LC21-IP Datasheet HTML 1Page - Microchip Technology 24LC21-IP Datasheet HTML 2Page - Microchip Technology 24LC21-IP Datasheet HTML 3Page - Microchip Technology 24LC21-IP Datasheet HTML 4Page - Microchip Technology 24LC21-IP Datasheet HTML 5Page - Microchip Technology 24LC21-IP Datasheet HTML 6Page - Microchip Technology 24LC21-IP Datasheet HTML 7Page - Microchip Technology 24LC21-IP Datasheet HTML 8Page - Microchip Technology 24LC21-IP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
24LCS21
DS21127B-page 2
© 1996 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
1.1
Maximum Ratings*
VCC...................................................................................7.0V
All inputs and outputs w.r.t. VSS ............... -0.6V to VCC +1.0V
Storage temperature .....................................-65
°C to +150°C
Ambient temp. with power applied ................-65
°C to +125°C
Soldering temperature of leads (10 seconds) ............. +300
°C
ESD protection on all pins
..................................................≥ 4 kV
*Notice: Stresses above those listed under “Maximum ratings”
may cause permanent damage to the device. This is a stress rat-
ing only and functional operation of the device at those or any
other conditions above those indicated in the operational listings
of this specification is not implied. Exposure to maximum rating
conditions for extended periods may affect device reliability.
TABLE 1-1:
PIN FUNCTION TABLE
Name
Function
WP
Write Protect (active low)
VSS
Ground
SDA
Serial Address/Data I/O
SCL
Serial Clock (Bi-directional Mode)
VCLK
Serial Clock (Transmit-Only Mode)
VCC
+2.5V to 5.5V Power Supply
NC
No Connection
TABLE 1-2:
DC CHARACTERISTICS
VCC = +2.5V to 5.5V
Commercial
(C):
Tamb = 0
°C to +70°C
Industrial
(I):
Tamb = -40
°C to +85°C
Parameter
Symbol
Min
Max
Units
Conditions
SCL and SDA pins:
High level input voltage
Low level input voltage
VIH
VIL
0.7 VCC
0.3 VCC
V
V
Input levels on VCLK pin:
High level input voltage
Low level input voltage
VIH
VIL
2.0
0.8
0.2 VCC
V
V
VCC
≥ 2.7V (Note)
VCC < 2.7V (Note)
Hysteresis of Schmitt trigger inputs
VHYS
.05 VCC
—
V
(Note)
Low level output voltage
VOL1
0.4
V
IOL = 3 mA, VCC = 2.5V (Note 1)
Low level output voltage
VOL2
0.6
V
IOL = 6 mA, VCC = 2.5V
Input leakage current
ILI
-10
10
µAVIN = 0.1V to VCC
Output leakage current
ILO
-10
10
µAVOUT = 0.1V to VCC
Pin capacitance (all inputs/outputs)
CINT
10
pF
VCC = 5.0V (Note1),
Tamb = 25
°C, FCLK = 1 MHz
Operating current
ICC Write
ICC Read
—
—
3
1
mA
mA
VCC = 5.5V, SCL = 400 kHz
Standby current
ICCS
—30
100
µA
µA
VCC = 3.0V, SDA = SCL = VCC
VCC = 5.5V, SDA = SCL = VCC
Note: This parameter is periodically sampled and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com