Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25AA080 Datasheet(PDF) 2 Page - Microchip Technology

Part # 25AA080
Description  8K/16K 1.8V SPI Bus Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25AA080 Datasheet(HTML) 2 Page - Microchip Technology

  25AA080 Datasheet HTML 1Page - Microchip Technology 25AA080 Datasheet HTML 2Page - Microchip Technology 25AA080 Datasheet HTML 3Page - Microchip Technology 25AA080 Datasheet HTML 4Page - Microchip Technology 25AA080 Datasheet HTML 5Page - Microchip Technology 25AA080 Datasheet HTML 6Page - Microchip Technology 25AA080 Datasheet HTML 7Page - Microchip Technology 25AA080 Datasheet HTML 8Page - Microchip Technology 25AA080 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
25AA080/160
DS21146D-page 2
Preliminary
© 1996 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
1.1
Maximum Ratings*
VCC ....................................................................... 7.0V
All inputs and outputs w.r.t. ......VSS-0.6V to VCC +1.0V
Storage temperature .............................-65˚C to 150˚C
Ambient temperature under bias ...........-65˚C to 125˚C
Soldering temperature of leads (10 seconds) ...+300˚C
ESD protection on all pins...................................... 4kV
*Notice: Stresses above those listed under ‘Maximum ratings’
may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at those or
any other conditions above those indicated in the operational
listings of this specification is not implied. Exposure to maxi-
mum rating conditions for extended period of time may affect
device reliability.
TABLE 1-1:
PIN FUNCTION TABLE
Name
Function
CS
Chip Select Input
SO
Serial Data Output
SI
Serial Data Input
SCK
Serial Clock Input
WP
Write Protect Pin
VSS
Ground
VCC
Supply Voltage
HOLD
Hold Input
FIGURE 1-1:
AC TEST CIRCUIT
1.2
AC Test Conditions
AC Waveform:
VLO = 0.2V
VHI = Vcc - 0.2V
(Note 1)
VHI = 4.0V
(Note 2)
Timing Measurement Reference Level
Input
0.5 VCC
Output
0.5 VCC
Note 1: For VCC
≤ 4.0V
2: For VCC > 4.0V
Vcc
SO
100 pF
1.8 K
2.25 K
TABLE 1-2:
DC CHARACTERISTICS
Applicable over recommended operating ranges shown below unless otherwise noted.
VCC = +1.8V to 5.5V
Commercial (C): Tamb
=
0˚C to +70˚C
Industrial (I):
Tamb
=
-40
°C to +85°C
Parameter
Symbol
Min
Max
Units
Test Conditions
High level input voltage
VIH1
2.0
VCC+1
V
VCC ≥ 2.7V
VIH2
0.7 VCC
VCC+1
V
VCC< 2.7V
Low level input voltage
VIL1
-0.3
0.8
V
VCC ≥ 2.7V
VIL2
-0.3
0.3 VCC
VVCC< 2.7V
Low level output voltage
VOL
0.4
V
IOL=2.1 mA
High level output voltage
VOH
VCC-0.5
V
IOH=-400
µA
Input leakage current
ILI
-10
10
µACS=VIH, VIN=VSS to VCC
Output leakage current
ILO
-10
10
µACS=VIH, V
OUT=VSS to VCC
Internal Capacitance
(all inputs and outputs)
CINT
7
pF
Tamb=25˚C, FCLK=3.0 MHz,
VCC=5.5V (Note)
Operating Current
ICC WRITE
5
3
mA
mA
VCC=5.5V
VCC=2.5V
ICC READ
1
500
mA
µA
VCC=5.5V; 3 MHz
VCC=2.5V; 2 MHz
Standby Current
ICCS
5
2
µA
µA
CS=VCC=5.5V; Vin=0V or VCC
CS=VCC=2.5V; Vin=0V or VCC
Note:
This parameter is periodically sampled and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com