Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25C080 Datasheet(PDF) 10 Page - Microchip Technology

Part # 25C080
Description  8K/16K 5.0V SPI Bus Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25C080 Datasheet(HTML) 10 Page - Microchip Technology

Back Button 25C080 Datasheet HTML 4Page - Microchip Technology 25C080 Datasheet HTML 5Page - Microchip Technology 25C080 Datasheet HTML 6Page - Microchip Technology 25C080 Datasheet HTML 7Page - Microchip Technology 25C080 Datasheet HTML 8Page - Microchip Technology 25C080 Datasheet HTML 9Page - Microchip Technology 25C080 Datasheet HTML 10Page - Microchip Technology 25C080 Datasheet HTML 11Page - Microchip Technology 25C080 Datasheet HTML 12Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
25C080/160
DS21147F-page 10
Preliminary
© 1996 Microchip Technology Inc.
4.0
PIN DESCRIPTIONS
4.1
Chip Select (CS)
A low level on this pin selects the device. A high level
deselects the device and forces it into standby mode.
However, a programming cycle which is already in
progress will be completed, regardless of the CS input
signal. If CS is brought high during a program cycle, the
device will go into standby mode as soon as the pro-
gramming cycle is complete. As soon as the device is
deselected, SO goes to the high impedance state,
allowing multiple parts to share the same SPI bus. A
low to high transition on CS after a valid write sequence
is what initiates an internal write cycle. After power-up,
a low level on CS is required prior to any sequence
being initiated.
4.2
Serial Input (SI)
The SI pin is used to transfer data into the device. It
receives instructions, addresses, and data to be written
to the memory. Input is latched on the rising edge of the
serial clock.
It is possible for the SI pin and the SO pin to be tied
together. With SI and SO tied together, two way com-
munication of data can occur using only one microcon-
troller I/O line.
4.3
Serial Output (SO)
The SO pin is used to transfer data serially out of the
25C080/160. During a read cycle, data is shifted out on
this pin after the falling edge of the serial clock.
It is possible for the SI pin and the SO pin to be tied
together. With SI and SO tied together, two way com-
munication of data can occur using only one microcon-
troller I/O line.
4.4
Serial Clock (SCK)
The SCK is used to synchronize the communication
between a master and the 25C080/160. Instructions,
addresses, or data present on the SI pin are latched on
the rising edge of the clock input, while data on the SO
pin is updated after the falling edge of the clock input.
4.5
Write Protect (WP)
This pin is used in conjunction with the WPEN bit in the
status register to prohibit writes to the non-volatile bits
in the status register. When WP is low and WPEN is
high, writing to the non-volatile bits in the status register
is disabled. All other operations function normally.
When WP is high, all functions, including writes to the
non-volatile bits in the status register operate normally.
If the WPEN bit is set WP low during a status register
write sequence will disable writing to the status register.
If an internal write cycle has already begun, WP going
low will have no effect on the write.
The WP pin function is blocked when the WPEN bit in
the status register is low. This allows the user to install
the 25C080/160 in a system with WP pin grounded and
still be able to write to the status register. The WP pin
functions will be enabled when the WPEN bit is set
high.
4.6
Hold (HOLD)
The HOLD pin is used to suspend transmission to the
25C080/160 while in the middle of a serial sequence
without having to re-transmit the entire sequence over
at a later time. It should be held high any time this func-
tion is not being used. Once the device is selected and
a serial sequence is underway, the HOLD pin may be
pulled low to pause further serial communication with-
out resetting the serial sequence. The HOLD pin must
be brought low while SCK is low, otherwise the HOLD
function will not be invoked until the next SCK high to
low transition. The 25C080/160 must remain selected
during this sequence. The SI, SCK, and SO pins are in
a high impedance state during the time the part is
paused and transitions on these pins will be ignored. To
resume serial communication, HOLD must be brought
high while the SCK pin is low, otherwise serial commu-
nication will not resume.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com