Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC160-SN Datasheet(PDF) 9 Page - Microchip Technology

Part # 24LC160-SN
Description  8K/16K 2.5V SPI O Bus Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC160-SN Datasheet(HTML) 9 Page - Microchip Technology

Back Button 24LC160-SN Datasheet HTML 4Page - Microchip Technology 24LC160-SN Datasheet HTML 5Page - Microchip Technology 24LC160-SN Datasheet HTML 6Page - Microchip Technology 24LC160-SN Datasheet HTML 7Page - Microchip Technology 24LC160-SN Datasheet HTML 8Page - Microchip Technology 24LC160-SN Datasheet HTML 9Page - Microchip Technology 24LC160-SN Datasheet HTML 10Page - Microchip Technology 24LC160-SN Datasheet HTML 11Page - Microchip Technology 24LC160-SN Datasheet HTML 12Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
© 1996 Microchip Technology Inc.
Preliminary
DS21145D-page 9
25LC080/160
FIGURE 3-4:
PAGE WRITE SEQUENCE
FIGURE 3-5:
READ STATUS REGISTER SEQUENCE
WRITE STATUS REGISTER SEQUENCE
SI
CS
9
1011
21222324252627282930
31
00
0
0
0
0
0
1
15 14 13 12
210
76543210
instruction
16 bit address
data byte 1
SCK
0
234567
1
8
SI
CS
41 42 43
46 47
76543210
data byte n (16 max)
SCK
32
34 35 36 37 38 39
33
40
76543210
data byte 3
76543210
data byte 2
44 45
SO
SI
CS
9
1011
12131415
11
0
0
0
0
00
7654
2
1
0
instruction
data from status register
high impedance
SCK
0
234567
1
8
3
SO
SI
CS
9
1011
12131415
01
0
0
0
0
00
765
4
21
0
instruction
data to status register
high impedance
SCK
0
234567
1
8
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com