Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PZE Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # PZE
Description  CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS (HYBRID TYPE)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

PZE Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  PZE_15 Datasheet HTML 1Page - RUBYCON CORPORATION PZE_15 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
◆STANDARD SIZE
220
330
150
270
68
100
33
56
35
25
50
63
8×9
10×9
8×9
10×9
8×9
10×9
8×9
10×9
0.14
0.14
0.12
0.12
0.10
0.10
0.08
0.08
55.0
82.5
52.5
94.5
34.0
50.0
20.8
35.3
27
20
27
20
30
28
40
30
2300
2500
2300
2500
1800
2000
1700
1800
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS (HYBRID TYPE)
PZE
Rated Voltage
(Vdc)
Capacitance
(μF)
Size
φD×L (mm)
(tanδ)
(120Hz,20℃)
Leakage Current
(μA/2min)
E.S.R.
(mΩ max/20℃, 100kHz)
Rated Ripple Current
(mArms/105℃, 100kHz)
◆DIMENSIONS
(mm)
φD
φd
L
F
α
810
99
5.0
3.5
0.6
2.0
L+αMAX
15MIN
4MIN
φd
φD+0.5MAX
LAMINATED CASE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com