Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWZ Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # SWZ
Description  CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

SWZ Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  SWZ_15 Datasheet HTML 1Page - RUBYCON CORPORATION SWZ_15 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
◆ITEM
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
1.1
1.1
1.1
1.1
1.1
1.1
1.1
1.1
1.1
1.1
1.1
2.7
2.9
2.9
2.9
2.9
2.7
2.9
2.9
2.9
2.9
2.9
2.7
2.9
2.9
2.9
2.9
2.7
2.9
2.9
2.9
2.7
2.7
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
6,300
6,300
6,300
6,300
6,300
6,300
6,300
6,300
6,300
5,100
5,100
6,300
6,300
6,300
6,300
6,300
6,300
6,300
6,300
6,300
6,300
6,300
6,300
6,300
6,300
6,300
6,300
6,300
6,300
6,300
6,300
4,700
4,700
6,300
7,500
6,300
7,500
8,500
6,300
7,500
8,500
6,300
7,500
8,500
6,300
7,500
6,300
7,500
6,300
7,500
6,300
7,500
6,300
7,500
6,300
6,300
6,300
6,300
6,300
6,300
6,300
6,300
4,000
2SLG100M
2SLG150M
2SLG180M
2SLG220M
2.5SLG100M
2.5SLG150M
2.5SLG180M
2.5SLG220M
4SLG150M
6SLG100M
10SLG22M
2SW220M
2SW270M
2SW330M
2SW390M
2SW470M
2.5SW180M
2.5SW220M
2.5SW270M
2.5SW330M
2.5SW390M
2.5SW470M
4SW150M
4SW180M
4SW220M
4SW270M
4SW330M
6SW100M
6SW150M
6SW180M
6SW220M
8SW68M
8SW100M
2SWZ270M R09
2SWZ270M R06
2SWZ330M R09
2SWZ330M R06
2SWZ330M R05
2SWZ390M R09
2SWZ390M R06
2SWZ390M R05
2SWZ470M R09
2SWZ470M R06
2SWZ470M R05
2.5SWZ220M R09
2.5SWZ220M R06
2.5SWZ270M R09
2.5SWZ270M R06
2.5SWZ330M R09
2.5SWZ330M R06
2.5SWZ390M R09
2.5SWZ390M R06
2.5SWZ470M R09
2.5SWZ470M R06
4SWZ180M R09
4SWZ220M R09
4SWZ270M R09
4SWZ330M R09
6SWZ120M R09
6SWZ150M R09
6SWZ180M R09
6SWZ220M R09
10SWZ47M R25
100
150
180
220
100
150
180
220
150
100
22
220
270
330
390
470
180
220
270
330
390
470
150
180
220
270
330
100
150
180
220
68
100
270
270
330
330
330
390
390
390
470
470
470
220
220
270
270
330
330
390
390
470
470
180
220
270
330
120
150
180
220
47
9
9
9
9
9
9
9
9
9
15
15
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
18
18
9
6
9
6
4.5
9
6
4.5
9
6
4.5
9
6
9
6
9
6
9
6
9
6
9
9
9
9
9
9
9
9
25
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
(Vdc)
Capacitance(μF)
ESR
(mΩ)
Part No.
Rated ripple current
(mA r.m.s./45℃, 100kHz)
Size(mm)
LW
H
Series
SW
SWZ
SLG
2
2
2
4
4
4
6.3
6.3
6.3
10
10
8
2.5
2.5
2.5
PC-CON



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com