Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93C76-P Datasheet(PDF) 11 Page - Microchip Technology

Part # 93C76-P
Description  8K/16K 5.0V Microwire Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93C76-P Datasheet(HTML) 11 Page - Microchip Technology

Back Button 93C76-P Datasheet HTML 4Page - Microchip Technology 93C76-P Datasheet HTML 5Page - Microchip Technology 93C76-P Datasheet HTML 6Page - Microchip Technology 93C76-P Datasheet HTML 7Page - Microchip Technology 93C76-P Datasheet HTML 8Page - Microchip Technology 93C76-P Datasheet HTML 9Page - Microchip Technology 93C76-P Datasheet HTML 10Page - Microchip Technology 93C76-P Datasheet HTML 11Page - Microchip Technology 93C76-P Datasheet HTML 12Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
DS21132C-page 11
Preliminary
© 1996 Microchip Technology Inc.
93C76/86
93C76/86 Product Identification System
To order or obtain information, e.g., on pricing or delivery, please use the listed part numbers, and refer to the factory or the listed
sales office.
93C76/86
–
\P
Package:
P
=
Plastic DIP (300 mil Body), 8-lead
SN
=
Plastic SOIC (150 mil Body), 8-lead
Temperature
Blank
=
0
°C to +70°C
Range:
I
=
-40
°C to +85°C
E
=
-40
°C to +125°C
Device:
93C76/86
Microwire Serial EEPROM
93C76T/86T
Microwire Serial EEPROM (Tape and Reel)
Sales and Support
Products supported by a preliminary Data Sheet may possibly have an errata sheet describing minor operational differences and
recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
Your local Microchip sales office (see below)
The Microchip Corporate Literature Center U.S. FAX: (602) 786-7277
The Microchip’s Bulletin Board, via your local CompuServe number (CompuServe membership NOT required).
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
For latest version information and upgrade kits for Microchip Development Tools, please call 1-800-755-2345 or 1-602-786-7302.
1.
2.
3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com