Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93LC86 Datasheet(PDF) 6 Page - Microchip Technology

Part # 93LC86
Description  8K/16K 2.5V Microwire Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LC86 Datasheet(HTML) 6 Page - Microchip Technology

Back Button 93LC86 Datasheet HTML 2Page - Microchip Technology 93LC86 Datasheet HTML 3Page - Microchip Technology 93LC86 Datasheet HTML 4Page - Microchip Technology 93LC86 Datasheet HTML 5Page - Microchip Technology 93LC86 Datasheet HTML 6Page - Microchip Technology 93LC86 Datasheet HTML 7Page - Microchip Technology 93LC86 Datasheet HTML 8Page - Microchip Technology 93LC86 Datasheet HTML 9Page - Microchip Technology 93LC86 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
93LC76/86
DS21131C-page 6
Preliminary
© 1996 Microchip Technology Inc.
3.0
DEVICE OPERATION
3.1
READ
The READ instruction outputs the serial data of the
addressed memory location on the DO pin. A dummy
zero bit precedes the 16 bit (x16 organization) or 8 bit
(x8 organization) output string. The output data bits will
toggle on the rising edge of the CLK and are stable after
the specified time delay (TPD). Sequential read is pos-
sible when CS is held high and clock transitions con-
tinue. The memory address pointer will automatically
increment and output data sequentially.
3.2
ERASE
The ERASE instruction forces all data bits of the spec-
ified address to the logical “1” state. The self-timed pro-
gramming cycle is initiated on the rising edge of CLK as
the last address bit (A0) is clocked in. At this point, the
CLK, CS, and DI inputs become don’t cares.
The DO pin indicates the READY/BUSY status of the
device if the CS is high. The READY/BUSY status will
be displayed on the DO pin until the next start bit is
received as long as CS is high. Bringing the CS low will
place the device in standby mode and cause the DO pin
to enter the high impedance state. DO at logical “0” indi-
cates that programming is still in progress. DO at logical
“1” indicates that the register at the specified address
has been erased and the device is ready for another
instruction.
The ERASE cycle takes 3 ms per word (Typical).
3.3
WRITE
The WRITE instruction is followed by 16 bits (or by 8
bits) of data to be written into the specified address.
The self-timed programming cycle is initiated on the ris-
ing edge of CLK as the last data bit (D0) is clocked in.
At this point, the CLK, CS, and DI inputs become don’t
cares.
The DO pin indicates the READY/BUSY status of the
device if the CS is high. The READY/BUSY status will
be displayed on the DO pin until the next start bit is
received as long as CS is high. Bringing the CS low will
place the device in standby mode and cause the DO pin
to enter the high impedance state. DO at logical “0” indi-
cates that programming is still in progress. DO at logical
“1” indicates that the register at the specified address
has been written and the device is ready for another
instruction.
The WRITE cycle takes 3 ms per word (Typical).
3.4
Erase All (ERAL)
The ERAL instruction will erase the entire memory
array to the logical “1” state. The ERAL cycle is identical
to the ERASE cycle except for the different opcode. The
ERAL cycle is completely self-timed and commences
on the rising edge of the last address bit (A0). Note that
the least significant 8 or 9 address bits are don’t care
bits, depending on selection of x16 or x8 mode. Clock-
ing of the CLK pin is not necessary after the device has
entered the self clocking mode. The ERAL instruction is
guaranteed at Vcc = +4.5V to +6.0V.
The DO pin indicates the READY/BUSY status of the
device if the CS is high. The READY/BUSY status will
be displayed on the DO pin until the next start bit is
received as long as CS is high. Bringing the CS low will
place the device in standby mode and cause the DO pin
to enter the high impedance state. DO at logical “0” indi-
cates that programming is still in progress. DO at logical
“1” indicates that the entire device has been erased and
is ready for another instruction.
The ERAL cycle takes 15 ms maximum (8 ms typical).
3.5
Write All (WRAL)
The WRAL instruction will write the entire memory array
with the data specified in the command. The WRAL
cycle is completely self-timed and commences on the
rising edge of the last address bit (A0). Note that the
least significant 8 or 9 address bits are don’t cares,
depending on selection of x16 or x8 mode. Clocking of
the CLK pin is not necessary after the device has
entered the self clocking mode. The WRAL command
does include an automatic ERAL cycle for the device.
Therefore, the WRAL instruction does not require an
ERAL instruction but the chip must be in the EWEN sta-
tus. The WRAL instruction is guaranteed at Vcc = +4.5V
to +6.0V.
The DO pin indicates the READY/BUSY status of the
device if the CS is high. The READY/BUSY status will
be displayed on the DO pin until the next start bit is
received as long as CS is high. Bringing the CS low will
place the device in standby mode and cause the DO pin
to enter the high impedance state. DO at logical “0” indi-
cates that programming is still in progress. DO at logical
“1” indicates that the entire device has been written and
is ready for another instruction.
The WRAL cycle takes 30 ms maximum (16 ms typical).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com