Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TGV Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # TGV
Description  CHIP ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

TGV Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  TGV Datasheet HTML 1Page - RUBYCON CORPORATION TGV Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
◆DIMENSIONS
(mm)
φD
12.5
12.5
16
16
18
18
L
13.5
16
16.5
21.5
16.5
21.5
A1
13
13
17
17
19
19
B1
13
13
17
17
19
19
C
4.9
4.9
6
6
7
7
W1
0.8∼1.1
0.8∼1.1
1.0∼1.6
1.0∼1.6
1.0∼1.6
1.0∼1.6
K
0.7±0.4
0.7±0.4
0.7±0.4
0.7±0.4
0.7±0.4
0.7±0.4
P
4.5
4.5
6.8
6.8
6.8
6.8
α
0.5
8 10.5 8.3 8.3 2.9 0.8∼1.1
0.5Max
3.1
0
10 10.5 10.3 10.3 3.2 0.8∼1.1
0.5Max
4.5
0
0.5
0.5
0.5
0.5
0.5
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
TGV
16
25
Ripple
ESR
20℃
−40℃
220
470
820
1000
1500
1800
2200
3300
220
330
680
820
1200
1500
2200
2700
350
550
850
1000
1200
1300
1650
1800
350
550
850
1000
1200
1300
1650
1800
0.150
0.120
0.092
0.074
0.066
0.064
0.041
0.039
0.150
0.120
0.092
0.074
0.066
0.064
0.041
0.039
3.0
2.0
1.5
1.4
1.2
1.2
0.8
0.8
3.0
2.0
1.5
1.4
1.2
1.2
0.8
0.8
8×10.5
10×10.5
12.5×13.5
12.5×16
16×16.5
18×16.5
16×21.5
18×21.5
8×10.5
10×10.5
12.5×13.5
12.5×16
16×16.5
18×16.5
16×21.5
18×21.5
Size
(φDXL)
Cap
(μF)
Vdc
35
Ripple
ESR
20℃
−40℃
100
220
470
560
820
1000
1500
1800
350
550
850
1000
1200
1300
1650
1800
0.150
0.120
0.092
0.074
0.066
0.064
0.041
0.039
3.0
2.0
1.5
1.4
1.2
1.2
0.8
0.8
8×10.5
10×10.5
12.5×13.5
12.5×16
16×16.5
18×16.5
16×21.5
18×21.5
Size
(φDXL)
Cap
(μF)
Vdc
Size φD×L(㎜),Rated Ripple Current(mA r.m.s./125℃, 100kHz),ESR(Ω MAX/100kHz)
◆STANDARD SIZE
L+α MAX
0.3MAX
A1
±0.2
W1
K



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com