Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THV Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # THV
Description  CHIP ALUMINUM ELECTROLYTIC CAPACITORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

THV Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  THV Datasheet HTML 1Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
THV
SERIES
THV
◆SPECIFICATIONS
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
(tanδ)
Dissipation Factor(MAX)
Endurance
Low Temperature Stability
Impedance Ratio(MAX)
Items
Characteristics
−40∼+125℃
16∼50Vdc
±20%
(20℃,
120Hz)
I=0.01CV or 3μA whichever is greater.
(After 2 minutes application of rated voltage)
I=Leakage Current(μA) C=Capacitance(μF) V=Rated Voltage(Vdc)
Rated Voltage
(Vdc)
tanδ
0.23
16
0.18
25
0.16
35
0.14
50
After applying rated voltage with rated ripple current for specified time at 125℃,
the capacitors shall meet the following requirements.
125℃ Low ESR, Lead Free Reflow Soldering
◆FEATURES
・Load Life : 125℃ 2000∼3000 hours Low ESR.
・Lead free reflow soldering is available.
・Available for high density mounting.
・RoHS compliance.
(20℃,
120Hz)
◆MULTIPLIER FOR RIPPLE CURRENT
◆PART NUMBER
□□□
Rated Voltage
THV
Series
□□□
Option
D×L
Case Size
□□□□□
Capacitance
M
Capacitance Tolerance
Rated Voltage
(Vdc)
Z
(−40℃)
/Z
(20℃) 4
16
4
25
3
35
3
50
Rated Voltage
(Vdc)
16 25 35
Rated Voltage code CE
V
50
H
Leakage Current
Dissipation Factor
Capacitance Change Within ±30% of the initial value.
Not more than 300% of the specified value.
Not more than the specified value.
Case Size
LifeTime
(hrs)
(120Hz)
Frequency
(Hz)
Coefficient
120
1k
10k
10∼33μF
0.45
0.75
0.90
47∼100μF 0.50
0.80
0.95
100k≦
1.00
1.00
220∼330μF 0.60
0.85
0.95 1.00
◆MARKING
Series
Lot No.
Capacitance
※
Rated voltage code
※Voltage Code
Negative
φD=6.3 2000
3000
φD≧8
25
70
200
300
300
500
500
6.3×6.1
6.3×8
8×10.5
8×10.5
10×10.5
10×10.5
1
0.7
0.3
0.3
0.2
0.2
15
10
4.5
4.5
3
3
200
70
200
200
300
300
500
500
70
150
150
250
250
350
350
6.3×8
6.3×6.1
6.3×8
6.3×8
8×10.5
8×10.5
10×10.5
10×10.5
6.3×6.1
6.3×8
6.3×8
8×10.5
8×10.5
10×10.5
10×10.5
22
33
47
100
220
10
22
33
47
100
0.7
1
0.7
0.7
0.3
0.3
0.2
0.2
1
0.9
0.9
0.36
0.36
0.25
0.25
10
15
10
10
4.5
4.5
3
3
15
10
10
4.5
4.5
3
3
70
200
200
300
300
500
500
1
0.7
0.7
0.3
0.3
0.2
0.2
15
10
10
4.5
4.5
3
3
◆STANDARD SIZE 
Size φD×L(mm), Rated Ripple Current (mA r.m.s./125℃, 100kHz), ESR(Ω MAX/100kHz)
Vdc
16
Cap
(μF)
Size
(φDxL)
Ripple
ESR
20℃ -40℃
Vdc
Cap
(μF)
Size
(φDxL)
Ripple
ESR
20℃ -40℃
33
47
100
220
330
35
50
Vdc
Cap
(μF)
Size
(φDxL)
Ripple
ESR
20℃ -40℃
◆DIMENSIONS
(mm)
φD
L
A1
B1
C
W1
P
6.3
8
10
8
10.5
10.5
6.6
8.3
10.3
6.6
8.3
10.3
2.7
2.9
3.2
0.5∼0.8
0.8∼1.1
0.8∼1.1
1.8
6.3 6.1 6.6 6.6 2.7 0.5∼0.8 1.8
3.1
4.5
33
47
100
220
330
6.3×6.1
6.3×8
6.3×8
8×10.5
8×10.5
10×10.5
10×10.5
AA
47
CTH
L MAX
0.3MAX
A1
±0.2
W1
0.5MAX


Similar Part No. - THV

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
THV TOUCHSTONE-THV Datasheet
382Kb / 4P
High Voltage Power Supplies
logo
Tyco Electronics
THV-50 MACOM-THV-50 Datasheet
115Kb / 2P
Two-Way Power Dividers 2 - 200 MHz and 20 - 400 MHz
logo
M/A-COM Technology Solu...
THV-50 MA-COM-THV-50 Datasheet
69Kb / 2P
Two-Way Power Dividers, 2 - 200 MHz and 20 - 400 MHz
THV-50 MA-COM-THV-50 Datasheet
69Kb / 2P
Two-Way Power Dividers
logo
Tyco Electronics
THV-50BNC MACOM-THV-50BNC Datasheet
115Kb / 2P
Two-Way Power Dividers 2 - 200 MHz and 20 - 400 MHz
More results

Similar Description - THV

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
25TLV470M10X10.5 RUBYCON-25TLV470M10X10.5 Datasheet
151Kb / 2P
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
6.3TZV330M6.3X8 RUBYCON-6.3TZV330M6.3X8 Datasheet
75Kb / 2P
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
SJV RUBYCON-SJV_15 Datasheet
196Kb / 1P
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
SKV RUBYCON-SKV_15 Datasheet
167Kb / 2P
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
SLV RUBYCON-SLV_15 Datasheet
212Kb / 1P
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
25TZV100M6.3X8 RUBYCON-25TZV100M6.3X8 Datasheet
169Kb / 2P
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
35TZV100M6.3X8 RUBYCON-35TZV100M6.3X8 Datasheet
169Kb / 2P
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
6.3SZV47M5X5.5 RUBYCON-6.3SZV47M5X5.5 Datasheet
76Kb / 2P
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
16SEV10M4X5.5 RUBYCON-16SEV10M4X5.5 Datasheet
172Kb / 2P
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
35TZV220M8X10.5 RUBYCON-35TZV220M8X10.5 Datasheet
169Kb / 2P
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com