Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7231G Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE7231G
Description  4 channel low-side driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7231G Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE7231G Datasheet HTML 17Page - Infineon Technologies AG TLE7231G Datasheet HTML 18Page - Infineon Technologies AG TLE7231G Datasheet HTML 19Page - Infineon Technologies AG TLE7231G Datasheet HTML 20Page - Infineon Technologies AG TLE7231G Datasheet HTML 21Page - Infineon Technologies AG TLE7231G Datasheet HTML 22Page - Infineon Technologies AG TLE7231G Datasheet HTML 23Page - Infineon Technologies AG TLE7231G Datasheet HTML 24Page - Infineon Technologies AG TLE7231G Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Datasheet
21
Rev. 1.2, 2014-05-09
SPI Driver for Enhanced Relay Control
SPIDER - TLE7231G
Serial Peripheral Interface (SPI)
Figure 10
Transmission Error Flag on SO Line
CS Low to High transition:
Data from shift register is transferred into the input matrix register only, when after the falling edge of CS exactly
a multiple (1, 2, 3, …) of eight SCLK signals have been detected.
SCLK - Serial Clock:
This input pin clocks the internal shift register. The serial input (SI) transfers data into the shift register on the falling
edge of SCLK while the serial output (SO) shifts diagnostic information out on the rising edge of the serial clock.
It is essential that the SCLK pin is in low state whenever chip select CS makes any transition.
SI - Serial Input:
Serial input data bits are shifted in at this pin, the most significant bit first. SI information is read on the falling edge
of SCLK. Please refer to Chapter 9.3 for further information.
SO - Serial Output:
Data is shifted out serially at this pin, the most significant bit first. SO is in high impedance state until the CS pin
goes to low state. New data will appear at the SO pin following the rising edge of SCLK. Please refer to
Chapter 9.3 for further information.
9.2
Daisy Chain Capability
The SPI of TLE7231G provides daisy chain capability. In this configuration several devices are activated by the
same CS signal MCS. The SI line of one device is connected with the SO line of another device (see Figure 11),
which builds a chain. The ends of the chain are connected with the output and input of the master device, MO and
MI respectively. The master device provides the master clock MCLK, which is connected to the SCLK line of each
device in the chain.
TER .emf
SI
SPI
OR
TER
0
1
SO
CS
SCLK
S
SO
S
SI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com