Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8250GVIO Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLE8250GVIO
Description  High Speed CAN-Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8250GVIO Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLE8250GVIO Datasheet HTML 14Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 15Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 16Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 17Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 18Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 19Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 20Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 21Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Data Sheet
18
Rev. 1.1, 2014-10-08
TLE8250GVIO
Electrical Characteristics
7.2
Diagrams
Figure 8
Simplified test circuit
Dynamic CAN-Transceiver Characteristics
7.1.41 Propagation delay
TxD-to-RxD LOW
(“Recessive” to “Dominant”)
t
d(L),TR
––
255
ns
C
L = 100 pF;
V
CC =5 V; CRxD =15pF
7.1.42 Propagation delay
TxD-to-RxD HIGH (“Dominant”
to “Recessive”)
t
d(H),TR
––
255
ns
C
L = 100 pF;
V
CC =5 V; CRxD =15pF
7.1.43 Propagation delay
TxD LOW to bus “Dominant”
t
d(L),T
–
110
–
ns
C
L = 100 pF;
V
CC =5 V; CRxD =15pF
7.1.44 Propagation delay
TxD HIGH to bus “Recessive”
t
d(H),T
–
110
–
ns
C
L = 100 pF;
V
CC =5 V; CRxD =15pF
7.1.45 Propagation delay
bus “Dominant” to RxD “Low”
t
d(L),R
–70
–
ns
C
L = 100 pF;
V
CC =5 V; CRxD =15pF
7.1.46 Propagation delay
bus “Recessive” to RxD “High”
t
d(H),R
–
100
–
ns
C
L = 100 pF;
V
CC =5 V; CRxD =15pF
7.1.47 Time for mode change
t
Mode
––
10
μs
1)
1) Not subject to production test, specified by design
Table 6
Electrical Characteristics (cont’d)
4.5 V <
V
CC <5.5 V; 3.0V< VIO <5.5 V; RL =60 Ω; -40°C < TJ < +150°C; all voltages with respect to ground;
positive current flowing into pin; unless otherwise specified.
Pos. Parameter
Symbol
Limit Values
Unit Remarks
Min.
Typ.
Max.
3
GND
2
4
5
1
8
100 nF
6
CANL
7
CANH
RL
VCC
VIO
TxD
NEN
RxD
CL
CRxD
100 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com