Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS410-ST Datasheet(PDF) 31 Page - Microchip Technology

Part # HCS410-ST
Description  KEELOQ CODE HOPPING ENCODER AND TRANSPONDER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS410-ST Datasheet(HTML) 31 Page - Microchip Technology

Back Button HCS410-ST Datasheet HTML 27Page - Microchip Technology HCS410-ST Datasheet HTML 28Page - Microchip Technology HCS410-ST Datasheet HTML 29Page - Microchip Technology HCS410-ST Datasheet HTML 30Page - Microchip Technology HCS410-ST Datasheet HTML 31Page - Microchip Technology HCS410-ST Datasheet HTML 32Page - Microchip Technology HCS410-ST Datasheet HTML 33Page - Microchip Technology HCS410-ST Datasheet HTML 34Page - Microchip Technology HCS410-ST Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
HCS410
© 1997 Microchip Technology Inc.
Preliminary
DS40158C-page 31
FIGURE 5-3:
TYPICAL VOLTAGE TRIP POINTS
TABLE 5-5:
CODE WORD TRANSMISSION TIMING PARAMETERS—MANCHESTER MODE
VDD = +2.0V to 6.3V
Commercial
(C): Tamb = 0
°C to +70°C
Industrial
(I): Tamb = -40
°C to +85°C
Code Words Transmitted
BSL1 = 0,
BSL0 = 0
BSL1 = 0,
BSL0 = 1
Symbol
Characteristic
Number
of TE
Min.
Typ.
Max.
Number
of TE
Min.
Typ.
Max.
Units
TE
Basic pulse element
1
720.0
800.0
880.0
1.0
360.0
400.0
440.0
µs
TP
Preamble duration
32
23.04
25.60
28.16
32.0
11.52
12.80
14.08
ms
TH
Header duration
4
2.88
3.20
3.52
4.0
1.44
1.60
1.76
ms
TSTART
Start bit
2
1.44
1.60
1.76
2.0
0.72
0.80
0.88
ms
THOP
Code hopping duration
64
46.08
51.20
56.32
64.0
23.04
25.60
28.16
ms
TFIX
Fixed code duration
74
53.28
59.20
65.12
74
26.64
29.60
32.56
ms
TSTOP
Stop bit
2
1.44
1.60
1.76
2.0
0.72
0.80
0.88
ms
TG
Guard time
32
23.0
25.6
28.2
32
11.5
12.8
14.1
ms
—
Total transmit time
210
151.2
168
184.8
210
75.6
84.0
92.4
ms
Note: The timing parameters are not tested but derived from the oscillator clock.
VDD = +2.0V to 6.3V
Commercial
(C): Tamb = 0
°C to +70°C
Industrial
(I): Tamb = -40
°C to +85°C
Code Words Transmitted
BSL1 = 1,
BSL0 = 0
BSL1 = 1,
BSL0 = 1
Symbol
Characteristic
Number
of TE
Min.
Typ.
Max.
Number
of TE
Min.
Typ.
Max.
Units
TE
Basic pulse element
1
360.0
400.0
440.0
1.0
180.0
200.0
220.0
µs
TP
Preamble duration
32
11.52
12.80
14.08
32.0
5.76
6.40
7.04
ms
TH
Header duration
4
1.44
1.60
1.76
4.0
0.72
0.80
0.88
ms
TSTART
Start bit
2
0.72
0.80
0.88
2.0
0.36
0.40
0.44
ms
THOP
Code hopping duration
64
23.04
25.60
28.16
64.0
11.52
12.80
14.08
ms
TFIX
Fixed code duration
74
26.64
29.60
32.56
74
13.32
14.8
16.28
ms
TSTOP
Stop bit
2.0
0.72
0.80
0.88
2.0
0.36
0.40
0.44
ms
TG
Guard time
32
11.5
12.8
14.1
32
5.8
6.4
7.0
ms
—
Total transmit time
210
75.6
84.0
92.4
210
37.8
42.0
46.2
ms
Note: The timing parameters are not tested but derived from the oscillator clock.
VLOW
Volts (V)
-40
050
85
2.0
1.6
1.8
2.2
2.4
2.6
Temp (C)
VLOW sel = 0
4.4
4.0
4.2
3.8
4.6
4.8
5.0
VLOW sel = 1
2.8
Nominal VLOW trip point
Legend



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com