Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS515-IP Datasheet(PDF) 12 Page - Microchip Technology

Part # HCS515-IP
Description  KEELOQ CODE HOPPING DECODER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS515-IP Datasheet(HTML) 12 Page - Microchip Technology

Back Button HCS515-IP Datasheet HTML 8Page - Microchip Technology HCS515-IP Datasheet HTML 9Page - Microchip Technology HCS515-IP Datasheet HTML 10Page - Microchip Technology HCS515-IP Datasheet HTML 11Page - Microchip Technology HCS515-IP Datasheet HTML 12Page - Microchip Technology HCS515-IP Datasheet HTML 13Page - Microchip Technology HCS515-IP Datasheet HTML 14Page - Microchip Technology HCS515-IP Datasheet HTML 15Page - Microchip Technology HCS515-IP Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
HCS515
DS40183D-page 12
© 2002 Microchip Technology Inc.
4.2.7
ERASE ALL
The erase all command (Figure 4-6) erases all the
transmitters in the decoder. After the command and two
dummy bytes are clocked in, the clock line must be
asserted to activate the command. After a successful
completion of an erase all command, the data line is
asserted until the clock line goes low.
FIGURE 4-6:
ERASE ALL
4.2.8
ACTIVATE LEARN
The activate learn command (Figure 4-7) is used to
activate a transmitter learning sequence on the
decoder. The command consists of a Command mode
activation sequence, a command byte, and two dummy
bytes. The decoder will respond by taking the data line
high to acknowledge that the command was valid and
that learn is active.
Upon reception of the first transmission, the decoder
will respond with a learn status message (Figure 4-8).
During learn, the decoder will acknowledge the recep-
tion of the first transmission by taking the data line high
for 60 ms. The controlling microcontroller can clock out
at most 8 bits, which will all be zeros. All of the bits of
the status byte are zero, and this is used to distinguish
between a learn time-out status string and the first
transmission received string. The controlling microcon-
troller must ensure that the clock line does not go high
60 ms after the falling edge of the data line, for this will
terminate learn.
Upon reception of the second transmission, the
decoder will respond with a learn status message
(Figure 4-9).
The learn status message after the second transmis-
sion consists of the following:
• 1 START bit.
• The function code [S3:S0] of the message is
zero, indicating that this is a status string.
• The RESULT bit indicates the result of the learn
sequence. The RESULT bit is set if successful
and cleared otherwise.
• The OVR bit will indicate whether an exiting trans-
mitter is over written. The OVR bit will be set if an
existing transmitter is learned over.
•The [CNT3…CNT0] bits will indicate the number of
transmitters learned on the decoder.
•The [TX3…TX0] bits indicate the block number
used during the learning of the transmitter.
FIGURE 4-7:
LEARN MODE ACTIVATION
Decoder DATA
MSB
A
Command Byte
START Command
BC
LSB
D
TERA
E
Subcommand Byte
Dummy Byte
CLK
µC DATA
F
Acknowledge
MSB
LSB
MSB
LSB
TACK
TRESP
TACK2
ecoder DATA
MSB
A
Command Byte
START Command
BC
LSB
D
TLRN
E
Dummy Byte
Dummy Byte
CLK
µC DATA
F
Acknowledge
MSB
LSB
MSB
LSB
TACK
TRESP
TACK2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com