Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIE310 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # PIE310
Description  Anti-visible rays due to visible ray cut resin for detector type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

PIE310 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  PIE310 Datasheet HTML 1Page - KODENSHI_AUK CORP. PIE310 Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
電気的光学的特性
特長
●
用途
ATM、自動改札機、カードリーダー/ライター、光電スイッチ
ATM, Auto stampers, Card readers/writers, Optical switches
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit.
─
(Ta=25℃)
最大定格 MAXIMUM RATINGS
Item
Symbol
Rating
Unit
動作温度
保存温度
Topr.
Tstg.
-10~+60
-20~+80
℃
℃
(Ta=25℃)
Operating temp.
Storage temp.
PHOTOINTERRUPTERS
受光タイプは可視光カット樹脂により外乱光に強い
コネクタ接続タイプ (JAE IL-Y タイプ)
防塵構造
4.75
─
─
4.5
Apr.2013
変調式発光ダイオードと変調式受光用フォトICをコネクタ付きにてそれぞれをプラスチックパッケージに組み込みました。発光、受光を一
対にて使用することで100cm程度までの透過型フォトセンサとなります。実装が容易であり、防塵効果も高いため、用紙等の検知用として
最適です。
A modulative emitting diode and a modulative detecting photo IC with connector has been put ineach package. The use of the emitter and
detector as a pair enables it to work as a penetrative type photo- sensor of approximately 100cm (Can be practically used as a reflective
type sensor). Can be used as a paper sensor due to easy equipping and its high anti- dust factor.
フォトインタラプタ
FEATURES
APPLICATIONS
ELECTRO-OPTICAL CHARACTERISTICS
本資料に記載しております内容は、技術の改良、進歩等によって予告なしに変更されることがあります。ご使用の際には、仕様書をご用命のうえ、
内容の確認をお願い致します。
T
he contents of this data sheet are subject to change without advance notice for the purpose of improvement. When using this product,
would you please refer to the latest specifications.
15
─
─
─
5.25
30
0.5
5.25
●
5
─
─10
─
0.5
●
830
─
Anti-visible rays due to visible ray cut resin for detector type
Connector type (JAE IL-Y type)
Dust proof
*1. 氷結、結露の無き事
No icebound or dew
*1
*1
発光
Emitter
受光
Detector
13.2
30
V
mA
発光
Emitter
受光
Detector
結合特性
Combination
VCC
ICC
V
mA
Vcc
IOL
ピーク発光波長
Peak wavelength
λp
VCC
─
VCC=5V
VCC=5V
─
VCC=5V, L=100mm
RL=3.3KΩ
nm
V
mA
msec
msec
PIE310 : 変調式発光ダイオード / Modulated emitting diode
PID310L : 変調式受光フォトIC / Modulated Photo IC
─
─
0.4
VOL
V
─
Δθ
指向半値角 Half angle
─
±5
─
deg
─
Δθ
指向半値角 Half angle
─
±5
─
deg
VCC=5V
100
200
850
cm
100
mW
許容損失
Power dissipation
PD
電源電圧
ローレベル出力電流
Supply voltage
Low level output current
動作電源電圧
ローレベル出力電圧
ハイレベル出力電圧
消費電流
Supply voltage
Low level output voltage
High level output voltage
Current consumption
VOH
ICC
ヒステリシス
L→H伝搬時間
H→L伝搬時間
Hysteresis
L→H propagation time
H→L propagation time
tPHL
tPLH
IFHL/FLH
L
VCC=5V
VCC=5V
VCC=5V, RL=10KΩ
VCC=5V, IOL=16mA, 入光状態(Non-shading)
─
0.9
─
4.0
─
─
V
─
7V
Vcc
電源電圧
Supply voltage
動作電源電圧
消費電流
検出距離
Supply voltage
Current consumption
Detecting distance
PIE310
・PID310L


Similar Part No. - PIE310

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
PIE3100T5X BANNER-PIE3100T5X Datasheet
15Mb / 42P
Fiber Optic Systems
PIE3100TMB5X BANNER-PIE3100TMB5X Datasheet
15Mb / 42P
Fiber Optic Systems
PIE3100UCX BANNER-PIE3100UCX Datasheet
15Mb / 42P
Fiber Optic Systems
PIE3100UHFX BANNER-PIE3100UHFX Datasheet
15Mb / 42P
Fiber Optic Systems
PIE3100UX BANNER-PIE3100UX Datasheet
15Mb / 42P
Fiber Optic Systems
More results

Similar Description - PIE310

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2A16 SHARP-GP2A16 Datasheet
57Kb / 4P
Visible Light Cut-off Type Photointerrupters with Connector
logo
Seme LAB
412101 SEME-LAB-412101 Datasheet
1Mb / 11P
Visible Light Detector
logo
KODENSHI_AUK CORP.
G310 KODENSHI-G310 Datasheet
151Kb / 3P
Anti-visible rays due to visible ray cut resin for detector type
SD-112 KODENSHI-SD-112 Datasheet
156Kb / 3P
Visible ray cut of Flat package
SG-107LF KODENSHI-SG-107LF Datasheet
153Kb / 3P
Visible light cut type
SG113 KODENSHI-SG113 Datasheet
148Kb / 3P
Visible light cut type
ST333R4 KODENSHI-ST333R4 Datasheet
146Kb / 3P
Visible ray cutting resin molding
ST333R4F1 KODENSHI-ST333R4F1 Datasheet
147Kb / 3P
Visible ray cutting resin molding
logo
STANLEY ELECTRIC CO.,LT...
PP1199FB-TR STANLEY-PP1199FB-TR Datasheet
686Kb / 20P
Visible ray cut resin Photo diode (Photo detector)
logo
KODENSHI_AUK CORP.
ST341R2 KODENSHI-ST341R2 Datasheet
146Kb / 2P
Visible light cut
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com