Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3201 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP3201
Description  2.7V 12-Bit A/D Converter with SPI Serial Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3201 Datasheet(HTML) 1 Page - Microchip Technology

  MCP3201 Datasheet HTML 1Page - Microchip Technology MCP3201 Datasheet HTML 2Page - Microchip Technology MCP3201 Datasheet HTML 3Page - Microchip Technology MCP3201 Datasheet HTML 4Page - Microchip Technology MCP3201 Datasheet HTML 5Page - Microchip Technology MCP3201 Datasheet HTML 6Page - Microchip Technology MCP3201 Datasheet HTML 7Page - Microchip Technology MCP3201 Datasheet HTML 8Page - Microchip Technology MCP3201 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© 1999 Microchip Technology Inc.
Preliminary
DS21290B-page 1
MCP3201
FEATURES
• 12-bit resolution
• ±1 LSB max DNL
• ±1 LSB max INL (MCP3201-B)
• ±2 LSB max INL (MCP3201-C)
• On-chip sample and hold
• SPI® serial interface (modes 0,0 and 1,1)
• Single supply operation: 2.7V - 5.5V
• 100ksps max. sampling rate at V
DD = 5V
• 50ksps max. sampling rate at V
DD = 2.7V
• Low power CMOS technology
- 500nA typical standby current, 2µA max.
- 400µA max. active current at 5V
• Industrial temp range: -40°C to +85°C
• 8-pin PDIP, SOIC and TSSOP packages
APPLICATIONS
• Sensor Interface
• Process Control
• Data Acquisition
• Battery Operated Systems
DESCRIPTION
The Microchip Technology Inc. MCP3201 is a succes-
sive approximation 12-bit Analog-to-Digital (A/D) Con-
verter with on-board sample and hold circuitry. The
device provides a single pseudo-differential input. Dif-
ferential Nonlinearity (DNL) is specified at ±1 LSB, and
Integral Nonlinearity (INL) is offered in ±1 LSB
(MCP3201-B) and ±2 LSB (MCP3201-C) versions.
Communication with the device is done using a simple
serial interface compatible with the SPI protocol. The
device is capable of sample rates of up to 100ksps at a
clock rate of 1.6MHz. The MCP3201 operates over a
broad voltage range (2.7V - 5.5V). Low current design
permits operation with typical standby and active cur-
rents of only 500nA and 300µA, respectively. The
device is offered in 8-pin PDIP, TSSOP and 150mil
SOIC packages.
PACKAGE TYPES
FUNCTIONAL BLOCK DIAGRAM
V
REF
IN+
IN–
V
SS
V
DD
CLK
D
OUT
CS/SHDN
1
2
3
4
8
7
6
5
PDIP
SOIC, TSSOP
1
2
3
4
8
7
6
5
V
REF
IN+
IN–
V
SS
V
DD
CLK
D
OUT
CS/SHDN
Comparator
Sample
and
Hold
12-Bit SAR
DAC
Control Logic
CS/SHDN
V
REF
IN+
IN-
V
SS
V
DD
CLK
D
OUT
Shift
Register
2.7V 12-Bit A/D Converter with SPI® Serial Interface


Similar Part No. - MCP3201

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3201 MICROCHIP-MCP3201 Datasheet
713Kb / 36P
2.7V 12-Bit A/D Converter with SPI Serial Interface
2008
MCP3201-BI/MS MICROCHIP-MCP3201-BI/MS Datasheet
713Kb / 36P
2.7V 12-Bit A/D Converter with SPI Serial Interface
2008
MCP3201-BI/P MICROCHIP-MCP3201-BI/P Datasheet
713Kb / 36P
2.7V 12-Bit A/D Converter with SPI Serial Interface
2008
MCP3201-BI/SN MICROCHIP-MCP3201-BI/SN Datasheet
713Kb / 36P
2.7V 12-Bit A/D Converter with SPI Serial Interface
2008
MCP3201-BI/ST MICROCHIP-MCP3201-BI/ST Datasheet
713Kb / 36P
2.7V 12-Bit A/D Converter with SPI Serial Interface
2008
More results

Similar Description - MCP3201

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3202 MICROCHIP-MCP3202 Datasheet
386Kb / 20P
2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
1999
MCP3001 MICROCHIP-MCP3001 Datasheet
597Kb / 28P
2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2001
MCP3202 MICROCHIP-MCP3202_06 Datasheet
523Kb / 28P
2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
2006
MCP3201 MICROCHIP-MCP3201_07 Datasheet
489Kb / 28P
2.7V 12-Bit A/D Converter with SPI Serial Interface
2007
MCP3001 MICROCHIP-MCP3001_07 Datasheet
453Kb / 28P
2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2007
MCP3002 MICROCHIP-MCP3002_07 Datasheet
439Kb / 28P
2.7V Dual Channel 10-Bit A/D Converter with SPI??Serial Interface
2007
MCP3202 MICROCHIP-MCP3202_08 Datasheet
606Kb / 32P
2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
2008
MCP3201 MICROCHIP-MCP3201_08 Datasheet
713Kb / 36P
2.7V 12-Bit A/D Converter with SPI Serial Interface
2008
MCP3002 MICROCHIP-MCP3002_08 Datasheet
585Kb / 34P
2.7V Dual Channel 10-Bit A/D Converter with SPI Serial Interface
2008
MCP3002 MICROCHIP-MCP3002 Datasheet
1Mb / 34P
2.7V Dual Channel 10-Bit A/D Converter with SPI Serial Interface
Revision E November 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com