Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS515-ISM Datasheet(PDF) 21 Page - Microchip Technology

Part # HCS515-ISM
Description  KEELOQ CODE HOPPING DECODER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS515-ISM Datasheet(HTML) 21 Page - Microchip Technology

Back Button HCS515-ISM Datasheet HTML 17Page - Microchip Technology HCS515-ISM Datasheet HTML 18Page - Microchip Technology HCS515-ISM Datasheet HTML 19Page - Microchip Technology HCS515-ISM Datasheet HTML 20Page - Microchip Technology HCS515-ISM Datasheet HTML 21Page - Microchip Technology HCS515-ISM Datasheet HTML 22Page - Microchip Technology HCS515-ISM Datasheet HTML 23Page - Microchip Technology HCS515-ISM Datasheet HTML 24Page - Microchip Technology HCS515-ISM Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
© 2002 Microchip Technology Inc.
DS40183D-page 21
HCS515
8.1
AC Electrical Characteristics
8.1.1
VALID TRANSMISSION NOTIFICATION
Standard Operating Conditions (unless otherwise specified)
Commercial (C):
0°C
≤TA ≤ +70°C
Industrial (I):
-40°C
≤ TA ≤ +85°C
Symbol
Parameters
Min.
Typ.
Max.
Units
TDHI
Command request time
0.0050
500
ms
TCLA
Micro request acknowledge time
0.0050
1
ms
TACK
Decoder Acknowledge time
4
µs
TACT
Start Command mode to
first command bit
20
1200
µs
TCLKH
Clock high time
20
1000
µs
TCLKL
Clock low time
20
1000
µs
FCLK
Clock frequency
500
25000
Hz
TDS
Data hold time
14
1000
µs
Note:
These parameters are characterized but not tested.
8.1.2
COMMAND MODE ACTIVATION
Standard Operating Conditions (unless otherwise specified):
Commercial (C):
0°C
≤ TA ≤ +70°C
Industrial (I):
-40°C
≤ TA ≤ +85°C
Symbol
Parameters
Min.
Typ.
Max.
Units
TREQ
Command request time
0.0050
500
ms
TRESP
Microcontroller request
acknowledge time
——
1
ms
TACK
Decoder acknowledge time
4
µs
TSTART
Start Command mode to first
command bit
20
1000
µs
TCLKH
Clock high time
20
1000
µs
TCLKL
Clock low time
20
1000
µs
FCLK
Clock frequency
500
25000
Hz
TDS
Data hold time
14
µs
TCMD
Command validate time
10
µs
TADDR
Address validate time
10
µs
TDATA
Data validate time
10
µs
Note:
These parameters are characterized but not tested.
8.1.3
READ FROM USER EEPROM COMMAND
Standard Operating Conditions (unless otherwise specified):
Commercial (C):
0°C
≤ TA ≤ +70°C
Industrial (I):
-40°C
≤ TA ≤ +85°C
Symbol
Parameters
Min.
Typ.
Max.
Units
TRD
Decoder EEPROM read time
1000
2000
µs
Note:
These parameters are characterized but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com