Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2510-EP Datasheet(PDF) 59 Page - Microchip Technology

Part # MCP2510-EP
Description  Stand-Alone CAN Controller with SPI Interface
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2510-EP Datasheet(HTML) 59 Page - Microchip Technology

Back Button MCP2510-EP Datasheet HTML 55Page - Microchip Technology MCP2510-EP Datasheet HTML 56Page - Microchip Technology MCP2510-EP Datasheet HTML 57Page - Microchip Technology MCP2510-EP Datasheet HTML 58Page - Microchip Technology MCP2510-EP Datasheet HTML 59Page - Microchip Technology MCP2510-EP Datasheet HTML 60Page - Microchip Technology MCP2510-EP Datasheet HTML 61Page - Microchip Technology MCP2510-EP Datasheet HTML 62Page - Microchip Technology MCP2510-EP Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 76 page
background image
 2000 Microchip Technology Inc.
Preliminary
DS21291C-page 59
MCP2510
FIGURE 11-4: Request To Send Instruction
FIGURE 11-5: BIT Modify instruction
FIGURE 11-6: Read Status Instruction
SO
SI
SCK
CS
0
2
3
456
7
1
T2
T0
0
0
0
0
1
instruction
high impedance
T1
SO
SI
SCK
CS
0
2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22
1
11
0
0
0
0
0
A7 6 5 4
1 A0 765 43 2 1 0
instruction
high impedance
32
0
address byte
mask byte
7 6 54 32 10
23 24 25 26 27 28 29 30 31
data byte
Note:
Not all registers can be accessed with this command. See the register map in Section 10.0 for a list of
the registers that apply.
SO
SI
SCK
CS
0
23456
789
10 11
12 13 14 15 16 17 18 19 20 21 22
1
00
0
0
1
0
10
76543210
instruction
data out
high impedance
23
don’t care
CANINTF.RX0IF
CANINTF.RX1IF
CANINTF.TX0IF
CANINTF.TX1IF
CANINTF.TX2IF
TXB2CNTRL.TXREQ
TXB1CNTRL.TXREQ
TXB0CNTRL.TXREQ
7654321
0
data out
repeat



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com