Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3202 Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP3202
Description  2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3202 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP3202 Datasheet HTML 6Page - Microchip Technology MCP3202 Datasheet HTML 7Page - Microchip Technology MCP3202 Datasheet HTML 8Page - Microchip Technology MCP3202 Datasheet HTML 9Page - Microchip Technology MCP3202 Datasheet HTML 10Page - Microchip Technology MCP3202 Datasheet HTML 11Page - Microchip Technology MCP3202 Datasheet HTML 12Page - Microchip Technology MCP3202 Datasheet HTML 13Page - Microchip Technology MCP3202 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
MCP3202
DS21034A-page 10
Preliminary
© 1999 Microchip Technology Inc.
Note: Unless otherwise indicated, V
DD = 5V, VSS = 0V, fSAMPLE
= 100ksps, fCLK = 18* fSAMPLE,TA = 25°C
FIGURE 2-31: I
DD vs. VDD
.
FIGURE 2-32: I
DD vs. Clock Frequency.
FIGURE 2-33: I
DD vs. Temperature.
FIGURE 2-34: I
DDS vs. VDD
.
FIGURE 2-35: I
DDS vs. Temperature.
FIGURE 2-36: Analog
Input
leakage
current
vs.
Temperature.
0
50
100
150
200
250
300
350
400
450
500
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VDD (V)
All points at F
CLK = 1.8MHz except
at V
DD = 2.5V, FCLK = 900kHz
0
50
100
150
200
250
300
350
400
450
500
10
100
1000
10000
Clock Frequency (kHz)
V
DD = 5V
V
DD = 2.7V
0
50
100
150
200
250
300
350
400
450
500
-50
-25
0
255075
100
Temperature (°C)
V
DD = 5V
F
CLK = 1.8MHz
V
DD = 2.7V
F
CLK = 900kHz
0
10
20
30
40
50
60
70
80
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VDD (V)
CS = V
DD
0.01
0.10
1.00
10.00
100.00
-50
-25
0
25
50
75
100
Temperature (°C)
VDD = CS = 5V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-50
-25
0
25
50
75
100
Temperature (°C)
V
DD = 5V
F
CLK = 1.8MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com