Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2510-ESO Datasheet(PDF) 61 Page - Microchip Technology

Part # MCP2510-ESO
Description  Stand-Alone CAN Controller with SPI Interface
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2510-ESO Datasheet(HTML) 61 Page - Microchip Technology

Back Button MCP2510-ESO Datasheet HTML 57Page - Microchip Technology MCP2510-ESO Datasheet HTML 58Page - Microchip Technology MCP2510-ESO Datasheet HTML 59Page - Microchip Technology MCP2510-ESO Datasheet HTML 60Page - Microchip Technology MCP2510-ESO Datasheet HTML 61Page - Microchip Technology MCP2510-ESO Datasheet HTML 62Page - Microchip Technology MCP2510-ESO Datasheet HTML 63Page - Microchip Technology MCP2510-ESO Datasheet HTML 64Page - Microchip Technology MCP2510-ESO Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 76 page
background image
 2000 Microchip Technology Inc.
Preliminary
DS21291C-page 61
MCP2510
12.0
ELECTRICAL CHARACTERISTICS
12.1
Maximum Ratings
VDD...................................................................................7.0V
All inputs and outputs w.r.t. VSS ............... -0.6V to VDD +1.0V
Storage temperature .....................................-65°C to +150°C
Ambient temp. with power applied ................-65°C to +125°C
Soldering temperature of leads (10 seconds) ............. +300°C
ESD protection on all pins
..................................................≥ 4 kV
*Notice: Stresses above those listed under “Maximum Rat-
ings” may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied. Expo-
sure to maximum rating conditions for extended periods may
affect device reliability.
TABLE 12-1: DC Characteristics
All parameters apply over the
specified operating ranges
unless otherwise noted.
Industrial (I):
TAMB = -40°C to +85°C
VDD = 3.0V to 5.5V
Automotive (E):
TAMB = -40°C to +125°C
VDD = 4.5V to 5.5V
Parameter
Symbol
Min
Max
Units
Test Conditions
Supply Voltage
VDD
3.0
5.5
V
Register Retention Voltage
VRET
2.4
–
V
High Level Input Voltage
Note
RXCAN
VIH
2VDD+1
V
SCK, CS, SI, TXnRTS Pins
.7 VDD
VDD+1
V
OSC1
.85 VDD
VDD
V
RESET
.85 VDD
VDD
V
Low Level Input Voltage
Note
RXCAN,TXnRTS Pins
VIL
-0.3
.15 VDD
V
SCK, CS, SI
-0.3
.4
V
OSC1
VSS
.3 VDD
V
RESET
VSS
.15 VDD
V
Low Level Output Voltage
TXCAN
VOL
–
0.4
V
IOL = -6.0 mA
RXnBF Pins
–
0.4
V
IOL = -8.5 mA, VDD = 4.5V
SO, CLKOUT
–
0.4
V
IOL = -2.1 mA, VDD = 4.5V
INT
–
0.6
V
IOL = -1.6 mA, VDD = 4.5V
High Level Output Voltage
V
TXCAN, RXnBF Pins
VOH
VDD -0.7
–
VIOH = 3.0mA, VDD = 4.5V, I temp
SO, CLKOUT
VDD -0.5
–
VIOH = 400µA
INT
VDD -0.7
–
VIOH = 1.0mA, VDD = 4.5V
Hysteresis
VHYS
.05 VDD
V
Input Leakage Current
All I/O except OSC1 and
TXnRTS pins
ILI
-1
+1
µACS = RESET = VDD, VIN = VSS to VDD
OSC1 Pin
-5
+5
µA
Internal Capacitance
(All Inputs And Outputs)
CINT
–
7pF
TAMB = 25°C, fC = 1.0 MHz,
VDD = 5.0V (Note)
Operating Current
IDD
–
10
mA
VDD = 5.5V; FCLK=5.0 MHz; SO = Open
Standby Current (Sleep Mode)
IDDS
--
5
µACS, TXnRTS = VDD, Inputs tied to VDD or VSS
Note:
This parameter is not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com