Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUMT1L-AL6-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # PUMT1L-AL6-R
Description  PNP GENERAL PURPOSE DUAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PUMT1L-AL6-R Datasheet(HTML) 1 Page - Unisonic Technologies

  PUMT1L-AL6-R Datasheet HTML 1Page - Unisonic Technologies PUMT1L-AL6-R Datasheet HTML 2Page - Unisonic Technologies PUMT1L-AL6-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
PUMT1
PNP SILICON TRANSISTOR
www.unisonic.com.tw
1 of 3
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R218-001.E
PNP GENERAL PURPOSE DUAL
TRANSISTOR
DESCRIPTION
Two independently operating PNP transistors.
FEATURES
* Low Current (Max. -100mA)
* Low Voltage (Max. -40V)
* Reduces Number of Components and Board Space.
* Complement to PUMX1.
APPLICATIONS
*General Purpose Switching and Amplification.
EQUIVALENT CIRCUIT
TR1
TR2
12
3
64
5
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
4
5
6
PUMT1L-AL6-R
PUMT1G-AL6-R
SOT-363
E1
B1
C2
E2
B2
C1
Tape Reel
MARKING
1
3
2
64
5
MT1
L:Lead Free
G:Halogen Free


Similar Part No. - PUMT1L-AL6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PUMT1L-AL6-R UTC-PUMT1L-AL6-R Datasheet
137Kb / 2P
PNP GENERAL PURPOSE DUAL TRANSISTOR
More results

Similar Description - PUMT1L-AL6-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBT3906DW ETC-MBT3906DW Datasheet
792Kb / 6P
Dual General Purpose Transistor PNPPNP Silicon
logo
Taiwan Semiconductor Co...
TSA1036D TSC-TSA1036D Datasheet
91Kb / 3P
General Purpose Dual PNP Transistor
logo
Weitron Technology
MBT2907ADW WEITRON-MBT2907ADW Datasheet
110Kb / 5P
Dual General Purpose Transistor PNPPNP Silicon
MBT3906DW WEITRON-MBT3906DW Datasheet
350Kb / 6P
Dual General Purpose Transistor PNPPNP Silicon
logo
Unisonic Technologies
PUMT1 UTC-PUMT1 Datasheet
63Kb / 2P
PNP GENERAL PURPOSE DUAL TRANSISTOR
logo
Pan Jit International I...
MMDT2907A PANJIT-MMDT2907A Datasheet
106Kb / 5P
DUAL PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMDT3906TB6 PANJIT-MMDT3906TB6 Datasheet
135Kb / 4P
DUAL PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMDT4403 PANJIT-MMDT4403 Datasheet
121Kb / 3P
DUAL PNP GENERAL PURPOSE SWITCHING TRANSISTOR
logo
Unisonic Technologies
PUMT1 UTC-PUMT1_12 Datasheet
137Kb / 2P
PNP GENERAL PURPOSE DUAL TRANSISTOR
logo
First Silicon Co., Ltd
FFB3906D FS-FFB3906D Datasheet
497Kb / 6P
Dual General Purpose PNP Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com