Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

37LV36-IL Datasheet(PDF) 2 Page - Microchip Technology

Part # 37LV36-IL
Description  36K, 64K, and 128K Serial EPROM Family
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

37LV36-IL Datasheet(HTML) 2 Page - Microchip Technology

  37LV36-IL Datasheet HTML 1Page - Microchip Technology 37LV36-IL Datasheet HTML 2Page - Microchip Technology 37LV36-IL Datasheet HTML 3Page - Microchip Technology 37LV36-IL Datasheet HTML 4Page - Microchip Technology 37LV36-IL Datasheet HTML 5Page - Microchip Technology 37LV36-IL Datasheet HTML 6Page - Microchip Technology 37LV36-IL Datasheet HTML 7Page - Microchip Technology 37LV36-IL Datasheet HTML 8Page - Microchip Technology 37LV36-IL Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
37LV36/65/128
DS21109E-page 2
© 1996 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
1.1
Maximum Ratings*
VCC and input voltages w.r.t. VSS .......... -0.6V to +0.6V
VPP voltage w.r.t. VSS during
programming ...................................... -0.6V to +14.0V
Output voltage w.r.t. VSS ............... -0.6V to VCC +0.6V
Storage temperature .......................... -65˚C to +150˚C
Ambient temp. with power applied ..... -65˚C to +125˚C
Soldering temperature of leads (10 sec.) ......... +300
°C
ESD protection on all pins
..................................... ≥ 4 kV
*Notice: Stresses above those listed under “Maximum Ratings”
may cause permanent damage to the device. This is a stress rat-
ing only and functional operation of the device at those or any
other conditions above those indicated in the operation listings of
this specification is not implied. Exposure to maximum rating con-
ditions for extended periods may affect device reliability.
TABLE 1-1:
PIN FUNCTION TABLE
Name
Function
8
20
DATA
Data I/O
1
2
CLK
Clock Input
2
4
RESET/OE Reset Input and Output
Enable
36
CE
Chip Enable Input
4
8
VSS
Ground
5
10
CEO
Chip Enable Output
6
14
VPP
Programming Voltage Supply
7
17
VCC
+3.0V to 6.0V Power Supply
8
20
Not Labeled Not utilized, not connected
TABLE 1-2:
READ OPERATION DC CHARACTERISTICS
VCC = +3.0 to 6.0V
Commercial (C):
Tamb =
0˚C to +70˚C
Industrial (I):
Tamb = -40˚C to +85˚C
Parameter
Symbol
Min.
Max.
Units
Conditions
DATA, CE, CEO and Reset pins:
High level input voltage
Low level input voltage
High level output voltage
Low level output voltage
VIH
VIL
VOH1
VOH2
VOL
2.0
-0.3
3.86
2.4
—
VCC
0.8
.32
V
V
V
V
IOH = -4 mA VCC
≥ 4.5V
IOH = -4 mA VCC
≥ 3.0V
IOL = 4.0 mA
Input Leakage
ILI
-10
10
µAVIN = .1V to VCC
Output Leakage
ILO
-10
10
µAVOUT = .1V to VCC
Input Capacitance
(all inputs/outputs)
CINT
—
10
pF
Tamb = 25
°C; FCLK = 1 MHz (Note 1)
Operating Current
ICC Read
—
—
10
2
mA
mA
VCC = 6.0V, CLK = 10 MHz
VCC = 3.6V, CLK = 2.5 MHz
Outputs open
Standby Current
ICCS
—
100
50
µA
µA
VCC = 6.0V, CE = 5.8V
VCC = 3.6V, CE = 3.4V
Note 1: This parameter is initially characterized and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com